Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBRZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD7730LBRZ
Description  Bridge Transducer ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBRZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD7730LBRZ Datasheet HTML 40Page - Analog Devices AD7730LBRZ Datasheet HTML 41Page - Analog Devices AD7730LBRZ Datasheet HTML 42Page - Analog Devices AD7730LBRZ Datasheet HTML 43Page - Analog Devices AD7730LBRZ Datasheet HTML 44Page - Analog Devices AD7730LBRZ Datasheet HTML 45Page - Analog Devices AD7730LBRZ Datasheet HTML 46Page - Analog Devices AD7730LBRZ Datasheet HTML 47Page - Analog Devices AD7730LBRZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
LOW POWER
BRIDGE TRANSDUCER ADC
KEY FEATURES
Resolution of 110,000 Counts (Peak-to-Peak)
Power Consumption: 15 mW typ
Offset Drift: < 1 ppm/ C
Gain Drift: 3 ppm/ C
Line Frequency Rejection: >150 dB
Buffered Differential Inputs
Programmable Filter Cutoffs
Specified for Drift Over Time
Operates with Reference Voltages of 1 V to 5 V
ADDITIONAL FEATURES
Two-Channel Programmable Gain Front End
On-Chip DAC for Offset/TARE Removal
FASTStep Mode
AC or DC Excitation
Single Supply Operation
APPLICATIONS
Portable Weigh Scales
FUNCTIONAL BLOCK DIAGRAM
*
Protected by U.S. Patent No: 5, 134, 401. Other Patent Applications Filed.
a
APPENDIX–AD7730L*
–44–
GENERAL DESCRIPTION
The AD7730L is a complete low power analog front-end for
weigh-scale and pressure measurement applications. The device
accepts low level signals directly from a transducer and outputs
a serial digital word. The input signal is applied to a proprietary
programmable gain front end based around an analog modula-
tor. The modulator output is processed by a low pass program-
mable digital filter, allowing adjustment of filter cutoff, output
rate and settling-time.
The part features two buffered differential programmable gain
analog inputs as well as a differential reference input. The part
operates from a single +5 V supply and typically consumes less
than 3 mA. It accepts four unipolar analog input ranges: 0 mV
to +10 mV, +20 mV, +40 mV and +80 mV and four bipolar
ranges
±10 mV, ±20 mV, ±40 mV and ±80 mV. The peak-to-
peak resolution achievable directly from the part is 1 in 110,000
counts. An on-chip 6-bit DAC allows the removal of TARE
voltages. Clock signals for synchronizing ac excitation of the
bridge are also provided.
The serial interface on the part can be configured for three-wire
operation and is compatible with microcontrollers and digital
signal processors. The AD7730L contains self-calibration and
system calibration options and features an offset drift of less
than 5 nV/
°C and a gain drift of less than 3 ppm/°C.
The part is available in a 24-lead SOIC and 24-lead TSSOP
package.
SIGMA-
DELTA
MODULATOR
AD7730L
6-BIT
DAC
SERIAL INTERFACE
AND CONTROL LOGIC
REGISTER BANK
CLOCK
GENERATION
PROGRAMMABLE
DIGITAL
FILTER
SIGMA-DELTA A/D CONVERTER
BUFFER
PGA
100nA
AGND
100nA
AVDD
VBIAS
AIN1(+)
AIN1(–)
AIN2(+)/D1
AIN2(–)/D0
ACX
ACX
STANDBY
SYNC
MCLK IN
MCLK OUT
SCLK
CS
DIN
DOUT
RESET
RDY
POL
DGND
AGND
AVDD
DVDD
REF IN(–) REF IN(+)
MUX
REFERENCE DETECT
AC
EXCITATION
CLOCK
+
–
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com