Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBRZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD7730LBRZ
Description  Bridge Transducer ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBRZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7730LBRZ Datasheet HTML 11Page - Analog Devices AD7730LBRZ Datasheet HTML 12Page - Analog Devices AD7730LBRZ Datasheet HTML 13Page - Analog Devices AD7730LBRZ Datasheet HTML 14Page - Analog Devices AD7730LBRZ Datasheet HTML 15Page - Analog Devices AD7730LBRZ Datasheet HTML 16Page - Analog Devices AD7730LBRZ Datasheet HTML 17Page - Analog Devices AD7730LBRZ Datasheet HTML 18Page - Analog Devices AD7730LBRZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
AD7730/AD7730L
–15–
Data Register (RS2–RS0 = 0, 0, 1); Power On/Reset Status: 000000 Hex
The Data Register on the part is a read-only register which contains the most up-to-date conversion result from the AD7730. Fig-
ure 5 shows a flowchart for reading from the registers on the AD7730. The register can be programmed to be either 16 bits or 24 bits
wide, determined by the status of the WL bit of the Mode Register. The
RDY output and RDY bit of the Status Register are set low
when the Data Register is updated. The
RDY pin and RDY bit will return high once the full contents of the register (either 16 bits or
24 bits) have been read. If the Data Register has not been read by the time the next output update occurs, the
RDY pin and RDY bit
will go high for at least 100
× tCLK IN, indicating when a read from the Data Register should not be initiated to avoid a transfer from
the Data Register as it is being updated. Once the updating of the Data Register has taken place,
RDY returns low.
If the Communications Register data sets up the part for a write operation to this register, a write operation must actually take place
in order to return the part to where it is expecting a write operation to the Communications Register (the default state of the inter-
face). However, the 16 or 24 bits of data written to the part will be ignored by the AD7730.
Mode Register (RS2–RS0 = 0, 1, 0); Power On/Reset Status: 01B0 Hex
The Mode Register is a 16-bit register from which data can be read or to which data can be written. This register configures
the operating modes of the AD7730, the input range selection, the channel selection and the word length of the Data Register.
Table X outlines the bit designations for the Mode Register. MR0 through MR15 indicate the bit location, MR denoting the bits are
in the Mode Register. MR15 denotes the first bit of the data stream. The number in brackets indicates the power-on/reset default
status of that bit. Figure 5 shows a flowchart for reading from the registers on the AD7730 and Figure 6 shows a flowchart for writ-
ing to the registers on the part.
Table X. Mode Register
MR15
MR14
MR13
MR12
MR11
MR10
MR9
MR8
MD2 (0)
MD1 (0)
MD0 (0)
B/U (0)
DEN (0)
D1 (0)
D0 (0)
WL (1)
MR7
MR6
MR5
MR4
MR3
MR2
MR1
MR0
HIREF (1)
ZERO (0)
RN1 (1)
RN0 (1)
CLKDIS (0)
BO (0)
CH1 (0)
CH0 (0)
Bit
Bit
Location
Mnemonic
Description
MR15–MR13
MD2–MD0
Mode Bits. These three bits determine the mode of operation of the AD7730 as outlined in
Table XI. The modes are independent, such that writing new mode bits to the Mode Register
will exit the part from the mode in which it is operating and place it in the new requested mode
immediately after the Mode Register write. The function of the mode bits is described in more
detail below.
Table XI. Operating Modes
MD2
MD1
MD0
Mode of Operation
0
0
0
Sync (Idle) Mode
Power-On/Reset Default
0
0
1
Continuous Conversion Mode
0
1
0
Single Conversion Mode
0
1
1
Power-Down (Standby) Mode
1
0
0
Internal Zero-Scale Calibration
1
0
1
Internal Full-Scale Calibration
1
1
0
System Zero-Scale Calibration
1
1
1
System Full-Scale Calibration
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com