Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7753 Datasheet(PDF) 44 Page - Analog Devices

Part # ADE7753
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADE7753_10 Datasheet HTML 40Page - Analog Devices ADE7753_10 Datasheet HTML 41Page - Analog Devices ADE7753_10 Datasheet HTML 42Page - Analog Devices ADE7753_10 Datasheet HTML 43Page - Analog Devices ADE7753_10 Datasheet HTML 44Page - Analog Devices ADE7753_10 Datasheet HTML 45Page - Analog Devices ADE7753_10 Datasheet HTML 46Page - Analog Devices ADE7753_10 Datasheet HTML 47Page - Analog Devices ADE7753_10 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
ADE7753
Rev. C | Page 44 of 60
Phase Calibration
The PHCAL register is provided to remove small phase errors.
The ADE7753 compensates for phase error by inserting a small
time delay or advance on the voltage channel input. Phase leads
up to 1.84° and phase lags up to 0.72° at 50 Hz can be corrected.
The error is determined by measuring the active energy at IB
and two power factors, PF = 1 and PF =0.5 inductive.
Some CTs may introduce large phase errors that are beyond the
range of the phase calibration register. In this case, coarse phase
compensation has to be done externally with an analog filter.
The phase error can be obtained from either CF or LAENERGY
measurements:
Error
=
2
2
)
(
)
(
5
.
,
expected
IB
expected
IB
PF
IB
LAENERGY
LAENERGY
LAENERGY
−
=
(56)
If watt gain and offset calibration have been performed, there
should be 0% error in CF at unity power factor and then:
Error
= %ERRORCF(IB,PF = .5) /100
(57)
The phase error is
Phase Error
(°) = −Arcsin
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
3
Error
(58)
The relationship between phase error and the PHCAL phase
correction register is
PHCAL
=
INT
()
+
⎟
⎠
⎞
⎜
⎝
⎛
°
×
°
360
PERIOD
Error
Phase
0x0D
(59)
The expression for PHCAL can be simplified using the
assumption that at small x:
Arcsin(x) ≈ x
The delay introduced in the voltage channel by PHCAL is
Delay
= (PHCAL − 0x0D) × 8/CLKIN
(60)
The delay associated with the PHCAL register is a time delay if
(PHCAL − 0x0D) is positive but represents a time advance if
this quantity is negative. There is no time delay if PHCAL =
0x0D.
The phase correction is in the opposite direction of the phase
error.
Phase Correction
(°) = −(PHCAL − 0x0D)
PERIOD
°
× 360
(61)
Calibrating Phase Using a Reference Meter Example
A power factor of 0.5 inductive can be assumed if the pulse
output rate of the reference meter is half of its PF = 1 rate. Then
the %ERROR between CF and the pulse output of the reference
meter can be used to perform the preceding calculations.
WRITE PHCAL VALUE TO THE PHCAL
REGISTER: ADDR. 0x10
MEASURE THE % ERROR BETWEEN
THE CF OUTPUT AND THE
REFERENCE METER OUTPUT
SET ITEST = Ib, VTEST = VNOM, PF = 0.5
02875-A-010
CALCULATE PHCAL. SEE EQUATION 59.
Figure 84. Calibrating Phase Using a Reference Meter
For this example:
CF % Error at PF = .5 Inductive:
%ERRORCF(IB,PF = .5) =
0.215%
PERIOD Register Reading:
PERIOD = 8959
Then PHCAL is 11 using Equations 57 through 59:
Error = 0.215% / 100 = 0.00215
Phase Error (°) = −Arcsin
°
−
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
07
.
0
3
00215
.
0
PHCAL = INT
⎟
⎠
⎞
⎜
⎝
⎛
°
×
°
−
360
8959
07
.
0
+0x0D = −2 + 13 = 11
PHCAL can be expressed as follows:
PHCAL =
INT
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
π
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
2
3
Arcsin
PERIOD
Error
+ 0x0D
(62)
Note that PHCAL is a signed twos complement register.
Setting the PHCAL register to 11 provides a phase correction
of 0.08° to correct the phase lead:
Phase Correction (°) =
PERIOD
PHCAL
°
×
−
−
360
)
0x0D
(
Phase Correction (°) =
°
=
°
×
−
−
08
.
0
8960
360
)
0x0D
11
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com