Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7753 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7753
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7753_10 Datasheet HTML 9Page - Analog Devices ADE7753_10 Datasheet HTML 10Page - Analog Devices ADE7753_10 Datasheet HTML 11Page - Analog Devices ADE7753_10 Datasheet HTML 12Page - Analog Devices ADE7753_10 Datasheet HTML 13Page - Analog Devices ADE7753_10 Datasheet HTML 14Page - Analog Devices ADE7753_10 Datasheet HTML 15Page - Analog Devices ADE7753_10 Datasheet HTML 16Page - Analog Devices ADE7753_10 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
ADE7753
Rev. C | Page 13 of 60
LINE FREQUENCY (Hz)
45
–0.1
–0.2
–0.4
–0.6
–0.8
0.4
0.2
0.1
0.8
0.6
0
50
55
60
65
02875-0-019
PF = 0.5
GAIN = 8
INTEGRATOR OFF
EXTERNAL REFERENCE
PF = 1
Figure 18. Active Energy Error as a Percentage of Reading (Gain = 8) over
Frequency with External Reference and Integrator Off
FULL-SCALE CURRENT (%)
0.1
–0.5
–0.1
–0.2
–0.3
–0.4
0.2
0.1
0.5
0.4
0.3
0
1
10
100
02875-0-020
GAIN = 8
INTEGRATOR OFF
INTERNAL REFERENCE
PF = 1
PF = 0.5
Figure 19. IRMS Error as a Percentage of Reading (Gain = 8) with
Internal Reference and Integrator Off
FULL-SCALE CURRENT (%)
0.1
–1.0
–0.2
–0.4
–0.6
–0.8
0.4
0.2
1.0
0.8
0.6
0
1
10
100
02875-0-022
GAIN = 8
INTEGRATOR ON
INTERNAL REFERENCE
+25°C, PF = 0.5
–40°C, PF = 0.5
+85°C, PF = 0.5
+25°C, PF = 1
Figure 20. Active Energy Error as a Percentage of Reading (Gain = 8) over
Power Factor with Internal Reference and Integrator On
FULL-SCALE CURRENT (%)
0.1
–1.0
–0.2
–0.4
–0.6
–0.8
0.4
0.2
1.0
0.8
0.6
0
1
10
100
02875-0-023
GAIN = 8
INTEGRATOR ON
INTERNAL REFERENCE
–40°C, PF = 1
85°C, PF = 1
25°C, PF = 1
Figure 21. Active Energy Error as a Percentage of Reading (Gain = 8) over
Temperature with Internal Reference and Integrator On
FULL-SCALE CURRENT (%)
0.1
–1.0
–0.2
–0.4
–0.6
–0.8
0.4
0.2
1.0
0.8
0.6
0
1
10
100
02875-0-024
GAIN = 8
INTEGRATOR ON
INTERNAL REFERENCE
+85°C, PF = 0.5
–40°C, PF = 0.5
+25°C, PF = 0.5
+25°C, PF = 0
Figure 22. Reactive Energy Error as a Percentage of Reading (Gain = 8) over
Power Factor with Internal Reference and Integrator On
FULL-SCALE CURRENT (%)
0.1
–1.0
–0.2
–0.4
–0.6
–0.8
0.4
0.2
1.0
0.8
0.6
0
1
10
100
02875-0-025
GAIN = 8
INTEGRATOR ON
INTERNAL REFERENCE
+85°C, PF = 0
–40°C, PF = 0
+25°C, PF = 0
Figure 23. Reactive Energy Error as a Percentage of Reading (Gain = 8) over
Temperature with Internal Reference and Integrator On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com