Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7753 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE7753
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE7753_10 Datasheet HTML 23Page - Analog Devices ADE7753_10 Datasheet HTML 24Page - Analog Devices ADE7753_10 Datasheet HTML 25Page - Analog Devices ADE7753_10 Datasheet HTML 26Page - Analog Devices ADE7753_10 Datasheet HTML 27Page - Analog Devices ADE7753_10 Datasheet HTML 28Page - Analog Devices ADE7753_10 Datasheet HTML 29Page - Analog Devices ADE7753_10 Datasheet HTML 30Page - Analog Devices ADE7753_10 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
ADE7753
Rev. C | Page 27 of 60
from these measurements. If the voltage rms offset register does
not have enough range, the CH2OS register can also be used.
PHASE COMPENSATION
When the HPF is disabled, the phase error between Channel 1
and Channel 2 is 0 from dc to 3.5 kHz. When HPF is enabled,
Channel 1 has the phase response illustrated in Figure 58 and
Figure 59. Also shown in Figure 60 is the magnitude response of
the filter. As can be seen from the plots, the phase response is
almost 0 from 45 Hz to 1 kHz. This is all that is required in
typical energy measurement applications. However, despite
being internally phase compensated, the ADE7753 must work
with transducers, which could have inherent phase errors. For
example, a phase error of 0.1° to 0.3° is not uncommon for a
current transformer (CT). These phase errors can vary from
part to part, and they must be corrected in order to perform
accurate power calculations. The errors associated with phase
mismatch are particularly noticeable at low power factors. The
ADE7753 provides a means of digitally calibrating these small
phase errors. The ADE7753 allows a small time delay or time
advance to be introduced into the signal processing chain to
compensate for small phase errors. Because the compensation is
in time, this technique should be used only for small phase
errors in the range of 0.1° to 0.5°. Correcting large phase errors
using a time shift technique can introduce significant phase
errors at higher harmonics.
The phase calibration register (PHCAL[5:0]) is a twos comple-
ment signed single-byte register that has values ranging from
0x21 (–31d) to 0x1F (31d).
The register is centered at 0x0D, so that writing 0x0D to the
register gives 0 delay. By changing the PHCAL register, the time
delay in the Channel 2 signal path can change from –102.12 μs
to +39.96 μs (CLKIN = 3.579545 MHz). One LSB is equivalent
to 2.22 μs (CLKIN/8) time delay or advance. A line frequency of
60 Hz gives a phase resolution of 0.048° at the fundamental (i.e.,
360° × 2.22 μs × 60 Hz). Figure 57 illustrates how the phase
compensation is used to remove a 0.1° phase lead in Channel 1
due to the external transducer. To cancel the lead (0.1°) in
Channel 1, a phase lead must also be introduced into Channel 2.
The resolution of the phase adjustment allows the introduction
of a phase lead in increment of 0.048°. The phase lead is achieved
by introducing a time advance into Channel 2. A time advance
of 4.48 μs is made by writing −2 (0x0B) to the time delay block,
thus reducing the amount of time delay by 4.48 μs, or equiva-
lently, a phase lead of approximately 0.1° at line frequency of 60 Hz.
0x0B represents –2 because the register is centered with 0 at 0x0D.
1
1
0
1
0
0
1
50
PGA1
V1P
V1N
V1
ADC 1
HPF
24
PGA2
V2P
V2N
V2
ADC 2
DELAY BLOCK
2.24µs/LSB
24
LPF2
V2
V1
60Hz
0.1°
V1
V2
CHANNEL 2 DELAY
REDUCED BY 4.48µs
(0.1°LEAD AT 60Hz)
0Bh IN PHCAL [5.0]
PHCAL [5:0]
--100µs TO +34µs
60Hz
02875-0-056
Figure 57. Phase Calibration
FREQUENCY (Hz)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
102
103
104
02875-0-057
Figure 58. Combined Phase Response of the HPF and
Phase Compensation (10 Hz to 1 kHz)
FREQUENCY (Hz)
0.20
40
0.18
0.16
0.14
0.12
0.10
0.08
0
0.02
0.04
0.06
45
50
55
60
65
70
02875-0-058
Figure 59. Combined Phase Response of the HPF and
Phase Compensation (40 Hz to 70 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com