Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 319 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 319 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 315Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 316Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 317Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 318Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 319Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 320Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 321Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 322Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 323Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 319
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
REGISTER 22-4:
ADPCFG: ADC PORT CONFIGURATION REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PCFG<15:8>(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PCFG<7:0>(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
PCFG<15:0>: ADC Port Configuration Control bits(1)
1 = Port pin in Digital mode, port read input is enabled; Analog-to-Digital input multiplexer is
connected to AVSS
0 = Port pin in Analog mode, port read input is disabled; Analog-to-Digital samples the pin voltage
Note 1: Not all PCFGx bits are available on all devices. See Figure 22-1, Figure 22-2, Figure 22-3 and Figure 22-4
for the available analog inputs (PCFGx = ANx, where x = 0-15).
REGISTER 22-5:
ADPCFG2: ADC PORT CONFIGURATION REGISTER 2
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PCFG<23:16>(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
Unimplemented: Read as ‘0’
bit 7-0
PCFG<23:16>: ADC Port Configuration Control bits(1)
1 = Port pin in Digital mode, port read input is enabled; Analog-to-Digital input multiplexer is
connected to AVSS
0 = Port pin in Analog mode, port read input is disabled; Analog-to-Digital samples the pin voltage
Note 1: Not all PCFGx bits are available on all devices. See Figure 22-1, Figure 22-2, Figure 22-3 and Figure 22-4
for the available analog inputs (PCFGx = ANx, where x can be 0 through 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com