Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 323 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 323 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 319Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 320Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 321Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 322Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 323Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 324Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 325Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 326Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 327Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 323
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
REGISTER 22-7:
ADCPC1: ADC CONVERT PAIR CONTROL REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IRQEN3
PEND3
SWTRG3
TRGSRC3<4:0>(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IRQEN2
PEND2
SWTRG2
TRGSRC2<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
IRQEN3: Interrupt Request Enable 3 bit
1 = Enables IRQ generation when requested conversion of Channels AN7 and AN6 is completed
0 = IRQ is not generated
bit 14
PEND3: Pending Conversion Status 3 bit
1 = Conversion of Channels AN7 and AN6 is pending; set when selected trigger is asserted
0 = Conversion is complete
bit 13
SWTRG3: Software Trigger 3 bit
1 = Starts conversion of AN7 and AN6 (if selected in TRGSRC bits)(1)
This bit is automatically cleared by hardware when the PEND3 bit is set.
0 = Conversion has not started
Note 1: The trigger source must be set as a global software trigger prior to setting this bit to ‘1’. If other
conversions are in progress, the conversion is performed when the conversion resources are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com