Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 354 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 354 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 350Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 351Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 352Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 353Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 354Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 355Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 356Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 357Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 358Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 354
 2009-2012 Microchip Technology Inc.
Most instructions are a single word. Certain
double-word instructions are designed to provide all the
required information in these 48 bits. In the second
word, the 8 MSbs are ‘0’s. If this second word is
executed as an instruction (by itself), it will execute as
a NOP.
The double-word instructions execute in two instruction
cycles.
Most single-word instructions are executed in a single
instruction cycle, unless a conditional test is true, or the
Program Counter is changed as a result of the
instruction. In these cases, the execution takes two
instruction cycles with the additional instruction cycle(s)
executed as a NOP. Notable exceptions are the BRA
(unconditional/computed branch), indirect CALL/GOTO,
all Table Reads and Writes, and RETURN/RETFIE
instructions, which are single-word instructions but take
two or three cycles. Certain instructions that involve
skipping over the subsequent instruction require either
two or three cycles if the skip is performed, depending
on whether the instruction being skipped is a single-word
or two-word instruction. Moreover, double-word moves
require two cycles.
Note:
For more details on the instruction set,
refer to the “16-bit MCU and DSC
Programmer’s
Reference
Manual”
(DS70157).
TABLE 25-1:
SYMBOLS USED IN OPCODE DESCRIPTIONS
Field
Description
#text
Means “literal defined by text”
(text)
Means “content of text”
[text]
Means “the location addressed by text”
{ }
Optional field or operation
<n:m>
Register bit field
.b
Byte mode selection
.d
Double-Word mode selection
.S
Shadow register select
.w
Word mode selection (default)
Acc
One of two accumulators {A, B}
AWB
Accumulator Write-Back Destination Address register
{W13, [W13]+ = 2}
bit4
4-bit bit selection field (used in word-addressed instructions)
{0...15}
C, DC, N, OV, Z
MCU Status bits: Carry, Digit Carry, Negative, Overflow, Sticky Zero
Expr
Absolute address, label or expression (resolved by the linker)
f
File register address
{0x0000...0x1FFF}
lit1
1-bit unsigned literal
{0,1}
lit4
4-bit unsigned literal
{0...15}
lit5
5-bit unsigned literal
{0...31}
lit8
8-bit unsigned literal
{0...255}
lit10
10-bit unsigned literal
{0...255} for Byte mode, {0:1023} for Word mode
lit14
14-bit unsigned literal
{0...16384}
lit16
16-bit unsigned literal
{0...65535}
lit23
23-bit unsigned literal
{0...8388608}; LSb must be ‘0’
None
Field does not require an entry, can be blank
OA, OB, SA, SB
DSP Status bits: ACCA Overflow, ACCB Overflow, ACCA Saturate, ACCB Saturate
PC
Program Counter
Slit10
10-bit signed literal
{-512...511}
Slit16
16-bit signed literal
{-32768...32767}
Slit6
6-bit signed literal
{-16...16}
Wb
Base W register
{W0..W15}
Wd
Destination W register
{ Wd, [Wd], [Wd++], [Wd--], [++Wd], [--Wd] }
Wdo
Destination W register

{ Wnd, [Wnd], [Wnd++], [Wnd--], [++Wnd], [--Wnd], [Wnd+Wb] }
Wm,Wn
Dividend, Divisor Working register pair (Direct Addressing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com