Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 352 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 352 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 348Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 349Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 350Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 351Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 352Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 353Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 354Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 355Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 356Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 352
 2009-2012 Microchip Technology Inc.
24.8
Code Protection and
CodeGuard™ Security
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 devices offer the
intermediate implementation of CodeGuard™ Security.
CodeGuard Security enables multiple parties to securely
share resources (memory, interrupts and peripherals) on
a single chip. This feature helps protect individual
Intellectual Property in collaborative system designs.
When coupled with software encryption libraries,
CodeGuard Security can be used to securely update
Flash even when multiple IPs reside on a single chip.
The code protection features are controlled by the
Configuration registers: FBS and FGS.
Secure segment and RAM protection is not imple-
mented in dsPIC33FJ32GS406/606/608/610 and
dsPIC33FJ64GS406/606/608/610 devices.
TABLE 24-3:
CODE FLASH SECURITY SEGMENT SIZES FOR 64-KBYTE DEVICES
TABLE 24-4:
CODE FLASH SECURITY SEGMENT SIZES FOR 32-KBYTE DEVICES
Note:
Refer to Section 23. “CodeGuard™
Security” (DS70199) in the “dsPIC33F/
PIC24H Family Reference Manual” for
further information on usage, configuration
and operation of CodeGuard Security.
BSS<2:0> = x11, 0K
BSS<2:0> = x10, 1K
BSS<2:0> = x01, 4K
BSS<2:0> = x00, 8K
BSS<2:0> = x11, 0K
BSS<2:0> = x10, 1K
BSS<2:0> = x01, 4K
BSS<2:0> = x00, 8K
0001FEh
000200h
000000h
VS = 256 IW
00ABFEh
GS = 21760 IW
0001FEh
000200h
000000h
VS = 256 IW
0007FEh
000800h
00ABFEh
GS = 20992 IW
BS = 768 IW
0001FEh
000200h
000000h
VS = 256 IW
00ABFEh
001FFEh
002000h
GS = 17920 IW
BS = 3840 IW
003FFEh
004000h
0001FEh
000200h
000000h
VS = 256 IW
00ABFEh
GS = 13824 IW
BS = 7936 IW
0057FEh
0001FEh
000200h
000000h
VS = 256 IW
GS = 11008 IW
00ABFEh
0057FEh
0001FEh
000200h
000000h
VS = 256 IW
0007FEh
000800h
GS = 10240 IW
BS = 768 IW
00ABFEh
0057FEh
0001FEh
000200h
000000h
VS = 256 IW
001FFEh
002000h
GS = 7168 IW
BS = 3840 IW
00ABFEh
0057FEh
003FFEh
004000h
0001FEh
000200h
000000h
VS = 256 IW
GS = 3072 IW
BS = 7936 IW
00ABFEh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com