Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 349 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 349 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 345Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 346Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 347Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 348Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 349Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 350Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 351Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 352Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 353Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 349
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
24.2
On-Chip Voltage Regulator
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 devices power
their core digital logic at a nominal 2.5V. This can create
a conflict for designs that are required to operate at a
higher typical voltage, such as 3.3V. To simplify system
design, all devices in the dsPIC33FJ32GS406/606/608/
610 and dsPIC33FJ64GS406/606/608/610 families
incorporate an on-chip regulator that allows the device to
run its core logic from VDD.
The regulator provides power to the core from the other
VDD pins. When the regulator is enabled, a low-ESR
(less than 5 ohms) capacitor (such as tantalum or
ceramic) must be connected to the VCAP pin
(Figure 24-1). This helps to maintain the stability of the
regulator. The recommended value for the filter
capacitor is provided in Table 27-13, located in
Section 27.1 “DC Characteristics”.
On a POR
, it takes approximately 20 s for the on-chip
voltage regulator to generate an output voltage. During
this time, designated as TSTARTUP, code execution is
disabled. TSTARTUP is applied every time the device
resumes operation after any power-down.
FIGURE 24-1:
CONNECTIONS FOR THE
ON-CHIP VOLTAGE
REGULATOR(1,2,3)
24.3
Brown-out Reset (BOR)
The Brown-out Reset (BOR) module is based on an
internal voltage reference circuit. The main purpose of
the BOR module is to generate a device Reset when a
brown-out condition occurs. Brown-out conditions are
generally caused by glitches on the AC mains (for
example, missing portions of the AC cycle waveform
due to bad power transmission lines, or voltage sags
due to excessive current draw when a large inductive
load is turned on).
A BOR generates a Reset pulse, which resets the
device. The BOR selects the clock source based on the
device Configuration bit values (FNOSC<2:0> and
POSCMD<1:0>).
If an oscillator mode is selected, the BOR activates the
Oscillator Start-up Timer (OST). The system clock is
held until OST expires. If the PLL is used, the clock is
held until the LOCK bit (OSCCON<5>) is ‘1’.
Concurrently, the Power-up Timer (PWRT) Time-out
(TPWRT) is applied before the internal Reset is
released. If TPWRT = 0 and a crystal oscillator is being
used, then a nominal delay of TFSCM = 100 is applied.
The total delay in this case is TFSCM.
The BOR status bit (RCON<1>) is set to indicate that a
BOR has occurred. The BOR circuit continues to
operate while in Sleep or Idle modes and resets the
device should VDD fall below the BOR threshold
voltage.
24.4
Watchdog Timer (WDT)
For
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 devices, the WDT
is driven by the LPRC oscillator. When the WDT is
enabled, the clock source is also enabled.
24.4.1
PRESCALER/POSTSCALER
The nominal WDT clock source from LPRC is
32.767 kHz. This feeds a prescaler that can be config-
ured for either 5-bit (divide-by-32) or 7-bit (divide-by-128)
operation. The prescaler is set by the WDTPRE Config-
uration bit. With a 32.767 kHz input, the prescaler yields
a nominal WDT Time-out (TWDT) period of 1 ms in 5-bit
mode or 4 ms in 7-bit mode.
A variable postscaler divides down the WDT prescaler
output and allows for a wide range of time-out periods.
The postscaler is controlled by the WDTPOST<3:0>
Configuration bits (FWDT<3:0>), which allow the
selection of 16 settings, from 1:1 to 1:32,768. Using the
prescaler and postscaler, time-out periods, ranging
from 1 ms to 131 seconds, can be achieved.
Note:
It is important for the low-ESR capacitor to
be placed as close as possible to the VCAP
pin.
Note 1:
These are typical operating voltages. Refer
to Table 27-13 located in Section 27.1 “DC
Characteristics” for the full operating
ranges of VDD.
2:
It is important for the low-ESR capacitor to
be placed as close as possible to the VCAP
pin.
3:
Typical VCAP pin voltage = 2.5V when
VDD
 VDDMIN.
VDD
VCAP
VSS
dsPIC33F
CEFC
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com