Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 347 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 347 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 343Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 344Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 345Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 346Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 347Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 348Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 349Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 350Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 351Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 347
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
FWDTEN
FWDT
Immediate
Watchdog Timer Enable bit
1 = Watchdog Timer is always enabled (LPRC oscillator cannot be
disabled; clearing the SWDTEN bit in the RCON register will
have no effect)
0 = Watchdog Timer is enabled/disabled by user software (LPRC can
be disabled by clearing the SWDTEN bit in the RCON register)
WINDIS
FWDT
Immediate
Watchdog Timer Window Enable bit
1 = Watchdog Timer in Non-Window mode
0 = Watchdog Timer in Window mode
WDTPRE
FWDT
Immediate
Watchdog Timer Prescaler bit
1 = 1:128
0 = 1:32
WDTPOST<3:0>
FWDT
Immediate
Watchdog Timer Postscaler bits
1111 = 1:32,768
1110 = 1:16,384
•
•
•
0001 = 1:2
0000 = 1:1
FPWRT<2:0>
FPOR
Immediate
Power-on Reset Timer Value Select bits
111 = PWRT = 128 ms
110 = PWRT = 64 ms
101 = PWRT = 32 ms
100 = PWRT = 16 ms
011 = PWRT = 8 ms
010 = PWRT = 4 ms
001 = PWRT = 2 ms
000 = PWRT = Disabled
JTAGEN
FICD
Immediate
JTAG Enable bit
1 = JTAG is enabled
0 = JTAG is disabled
ICS<1:0>
FICD
Immediate
ICD Communication Channel Select Enable bits
11 = Communicate on PGEC1 and PGED1
10 = Communicate on PGEC2 and PGED2
01 = Communicate on PGEC3 and PGED3
00 = Reserved, do not use
ALTQIO
FPOR
Immediate
Enable Alternate QEI1 Pin bit
1 = QEA1, QEB1 and INDX1 are selected as inputs to QEI1
0 = AQEA1, AQEB1 and AINDX1 are selected as inputs to QEI1
ALTSS1
FPOR
Immediate
Enable Alternate SS1 pin bit
1 = ASS1 is selected as the I/O pin for SPI1
0 = SS1 is selected as the I/O pin for SPI1
CMPPOL0
FCMP
Immediate
Comparator Hysteresis Polarity bit (for even numbered comparators)
1 = Hysteresis is applied to falling edge
0 = Hysteresis is applied to rising edge
HYST0<1:0>
FCMP
Immediate
Comparator Hysteresis Select bits
11 = 45 mV hysteresis
10 = 30 mV hysteresis
01 = 15 mV hysteresis
00 = No hysteresis
TABLE 24-2:
dsPIC33F CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
RTSP Effect
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com