Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 346 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 346 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 342Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 343Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 344Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 345Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 346Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 347Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 348Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 349Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 350Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 346
 2009-2012 Microchip Technology Inc.
TABLE 24-2:
dsPIC33F CONFIGURATION BITS DESCRIPTION
Bit Field
Register
RTSP Effect
Description
BWRP
FBS
Immediate
Boot Segment Program Flash Write Protection bit
1 = Boot segment can be written
0 = Boot segment is write-protected
BSS<2:0>
FBS
Immediate
Boot Segment Program Flash Code Protection Size bits
X11 = No boot program Flash segment
Boot space is 256 instruction words (except interrupt vectors)
110 = Standard security; boot program Flash segment ends at
0x0003FE
010 = High security; boot program Flash segment ends at
0x0003FE
Boot space is 768 instruction words (except interrupt vectors)
101 = Standard security; boot program Flash segment ends at
0x0007FE
001 = High security; boot program Flash segment ends at
0x0007FE
Boot space is 1792 instruction words (except interrupt vectors)
100 = Standard security; boot program Flash segment ends at
0x000FFE
000 = High security; boot program Flash segment ends at
0x000FFE
GSS<1:0>
FGS
Immediate
General Segment Code-Protect bits
11 = User program memory is not code-protected
10 = Standard security
0x = High security
GWRP
FGS
Immediate
General Segment Write-Protect bit
1 = User program memory is not write-protected
0 = User program memory is write-protected
IESO
FOSCSEL
Immediate
Two-Speed Oscillator Start-up Enable bit
1 = Start-up device with FRC, then automatically switch to the user
selected oscillator source when ready
0 = Start-up device with user selected oscillator source
FNOSC<2:0>
FOSCSEL
If clock switch
is enabled,
RTSP effect
is on any
device Reset;
otherwise,
immediate
Initial Oscillator Source Selection bits
111 = Internal Fast RC (FRC) Oscillator with Postscaler
110 = Internal Fast RC (FRC) Oscillator with Divide-by-16
101 = LPRC Oscillator
100 = Secondary (LP) Oscillator
011 = Primary (XT, HS, EC) Oscillator with PLL
010 = Primary (XT, HS, EC) Oscillator
001 = Internal Fast RC (FRC) Oscillator with PLL
000 = FRC Oscillator
FCKSM<1:0>
FOSC
Immediate
Clock Switching Mode bits
1x = Clock switching is disabled, Fail-Safe Clock Monitor is disabled
01 = Clock switching is enabled, Fail-Safe Clock Monitor is disabled
00 = Clock switching is enabled, Fail-Safe Clock Monitor is enabled
OSCIOFNC
FOSC
Immediate
OSC2 Pin Function bit (except in XT and HS modes)
1 = OSC2 is the clock output
0 = OSC2 is the general purpose digital I/O pin
POSCMD<1:0>
FOSC
Immediate
Primary Oscillator Mode Select bits
11 = Primary Oscillator is disabled
10 = HS Crystal Oscillator mode
01 = XT Crystal Oscillator mode
00 = EC (External Clock) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com