Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 376 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 376 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 372Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 373Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 374Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 375Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 376Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 377Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 378Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 379Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 380Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 376
 2009-2012 Microchip Technology Inc.
DO20A
VOH1
Output High Voltage
I/O Pins:
4x Sink Driver Pins – RA0-RA7,
RA14, RA15, RB0-RB15,
RC1-RC4, RC12-RC14, RD0-RD2,
RD8-RD12, RD14, RD15, RE8,
RE9, RF0-RF8, RF12, RF13,
RG0-RG3, RG6-RG9, RG14, RG15
1.5
—
—
V
IOH
 -12 mA, VDD = 3.3V
See Note 1
2.0
—
—
V
IOH
 -11 mA, VDD = 3.3V
See Note 1
3.0
—
—
V
IOH
 -3 mA, VDD = 3.3V
See Note 1
Output High Voltage
I/O Pins:
8x Sink Driver Pin – RC15
1.5
—
—
V
IOH
 -16 mA, VDD = 3.3V
See Note 1
2.0
—
—
V
IOH
 -12 mA, VDD = 3.3V
See Note 1
3.0
—
—
V
IOH
 -4 mA, VDD = 3.3V
See Note 1
Output High Voltage
I/O Pins:
16x Sink Driver Pins – RA9, RA10,
RD3-RD7, RD13, RE0-RE7,
RG12, RG13
1.5
—
—
V
IOH
 -30 mA, VDD = 3.3V
See Note 1
2.0
—
—
V
IOH
 -25 mA, VDD = 3.3V
See Note 1
3.0
—
—
V
IOH
 -8 mA, VDD = 3.3V
See Note 1
TABLE 27-10: DC CHARACTERISTICS: I/O PIN OUTPUT SPECIFICATIONS (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param. Symbol
Characteristic
Min.
Typ.
Max. Units
Conditions
Note 1: Parameters are characterized, but not tested.
TABLE 27-11: ELECTRICAL CHARACTERISTICS: BROWN-OUT RESET (BOR)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V(3)
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min(1)
Typ
Max
Units
Conditions
BO10
VBOR
BOR Event on VDD Transition
High-to-Low
2.6
—
2.95
V
See Note 2
Note 1: Parameters are for design guidance only and are not tested in manufacturing.
2: The device will operate as normal until the VDDMIN threshold is reached.
3: Overall functional device operation at VBORMIN < VDD < VDDMIN is tested but not characterized. All device
analog modules, such as the ADC, etc., will function but with degraded performance below VDDMIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com