Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 373 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 373 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 369Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 370Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 371Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 372Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 373Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 374Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 375Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 376Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 377Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 373
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
TABLE 27-9:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
VIL
Input Low Voltage
DI10
I/O Pins
VSS
—0.2 VDD
V
DI15
MCLR
VSS
—0.2 VDD
V
DI16
I/O Pins with OSC1 or SOSCI
VSS
—0.2 VDD
V
DI18
I/O Pins with SDAx, SCLx
VSS
—
0.3 VDD
V
SMBus disabled
DI19
I/O Pins with SDAx, SCLx
VSS
—
0.8
V
SMBus enabled
VIH
Input High Voltage
DI20
DI21
I/O Pins Non 5V Tolerant(4)
I/O Pins 5V Tolerant(4)
0.7 VDD
0.7 VDD
—
—
VDD
5.5
V
V
DI28
DI29
SDAx, SCLx
SDAx, SCLx
0.7 VDD
2.1
—
—
5.5
5.5
V
V
SMBus disabled
SMBus enabled
ICNPU
CNx Pull-up Current
DI30
—
250
—
AVDD = 3.3V, VPIN = VSS
IIL
Input Leakage Current(2,3,4)
DI50
I/O Pins with:
4x Driver Pins: RA0-RA7, RA14,
RA15, RB0-RB15, RC1-RC4,
RC12-RC14, RD0-RD2,
RD8-RD12, RD14, RD15, RE8,
RE9, RF0-RF8, RF12, RF13,
RG0-RG3, RG6-RG9, RG14, RG15
8x Driver Pins: RC15
16x Driver Pins: RA9, RA10,
RD3-RD7, RD13, RE0-RE7,
RG12, RG13
—
—
—
—
—
—
±2
±4
±8
A
A
A
VSS
 VPIN  VDD,
Pin at high-impedance
VSS
 VPIN  VDD,
Pin at high-impedance
VSS
 VPIN  VDD,
Pin at high-impedance
DI55
MCLR
——
±2
AVSS VPIN VDD
DI56
OSC1
—
—
±2
AVSS VPIN VDD,
XT and HS modes
Note 1: Data in “Typ” column is at 3.3V, +25°C unless otherwise stated.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as current sourced by the pin.
4: See “Pin Diagrams” for the list of 5V tolerant I/O pins.
5: VIL source < (VSS – 0.3). Characterized but not tested.
6: Non 5V tolerant pins VIH source > (VDD + 0.3), 5V tolerant pins VIH source > 5.5V. Characterized but not
tested.
7: Digital 5V tolerant pins cannot tolerate any “positive” input injection current from input sources > 5.5V.
8: Injection currents > | 0 | can affect the ADC results by approximately 4-6 counts.
9: Any number and/or combination of I/O pins not excluded under IICL or IICH conditions are permitted, pro-
vided the mathematical “absolute instantaneous” sum of the input injection currents from all pins do not
exceed the specified limit. Characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com