Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 370 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 370 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 366Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 367Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 368Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 369Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 370Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 371Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 372Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 373Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 374Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 370
 2009-2012 Microchip Technology Inc.
TABLE 27-6:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Idle Current (IIDLE): Core Off, Clock On Base Current(2)
DC40d
8
15
mA
-40°C
3.3V
10 MIPS
DC40a
9
15
mA
+25°C
DC40b
9
15
mA
+85°C
DC40c
10
15
mA
+125°C
DC41d
11
20
mA
-40°C
3.3V
16 MIPS(3)
DC41a
11
mA
+25°C
20
DC41b
11
20
mA
+85°C
DC41c
12
20
mA
+125°C
DC42d
14
25
mA
-40°C
3.3V
20 MIPS(3)
DC42a
14
25
mA
+25°C
DC42b
14
25
mA
+85°C
DC42c
15
25
mA
+125°C
DC43d
20
30
mA
-40°C
3.3V
30 MIPS(3)
DC43a
20
30
mA
+25°C
DC43b
21
30
mA
+85°C
DC43c
22
30
mA
+125°C
DC44d
29
40
mA
-40°C
3.3V
40 MIPS
DC44a
29
40
mA
+25°C
DC44b
30
40
mA
+85°C
DC44c
31
40
mA
+125°C
Note 1: Data in “Typical” column is at 3.3V, +25°C unless otherwise stated.
2: Base Idle current (IIDLE) is measured as follows:
• CPU core is off, oscillator is configured in EC mode and external clock is active, OSC1 is driven with
external square wave from rail-to-rail (EC clock overshoot/undershoot < 250 mV required)
• CLKO is configured as an I/O input pin in the Configuration Word
• All I/O pins are configured as inputs and pulled to VSS
•MCLR = VDD, WDT and FSCM are disabled
• No peripheral modules are operating; however, every peripheral is being clocked (all PMDx bits are
all ‘0’s)
• JTAG is disabled
3: These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com