Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 367 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 367 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 363Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 364Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 365Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 366Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 367Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 368Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 369Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 370Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 371Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 367
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
TABLE 27-4:
DC TEMPERATURE AND VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Operating Voltage
DC10
VDD
Supply Voltage(4)
3.0
—
3.6
V
Industrial and extended
DC12
VDR
RAM Data Retention Voltage(2)
1.8
—
—
V
DC16
VPOR
VDD Start Voltage
to Ensure Internal
Power-on Reset Signal
——
VSS
V
DC17
SVDD
VDD Rise Rate(3)
to Ensure Internal
Power-on Reset Signal
0.03
—
—
V/ms 0-3.0V in 0.1s
Note 1: Data in “Typ” column is at 3.3V, +25°C unless otherwise stated.
2: This is the limit to which VDD may be lowered without losing RAM data.
3: These parameters are characterized but not tested in manufacturing.
4: Overall functional device operation at VBORMIN < VDD < VDDMIN is tested but not characterized. All device
analog modules such as the ADC, etc., will function but with degraded performance below VDDMIN. See
Parameter BO10 in Table 27-11 for the BOR values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com