Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 365 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 365 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 361Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 362Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 363Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 364Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 365Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 366Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 367Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 368Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 369Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 365
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
27.0 ELECTRICAL CHARACTERISTICS
This section provides an overview of dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
electrical characteristics. Additional information will be provided in future revisions of this document as it becomes
available.
Absolute maximum ratings for the dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 family are
listed below. Exposure to these maximum rating conditions for extended periods may affect device reliability. Functional
operation of the device at these or any other conditions above the parameters indicated in the operation listings of this
specification is not implied.
Absolute Maximum Ratings(1)
Ambient temperature under bias.............................................................................................................-40°C to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +4.0V
Voltage on any pin that is not 5V tolerant with respect to VSS(3) .................................................... -0.3V to (VDD + 0.3V)
Voltage on any 5V tolerant pin with respect to VSS when VDD
 3.0V(3) .................................................. -0.3V to +5.6V
Voltage on any 5V tolerant pin with respect to VSS when VDD < 3.0V(3)......................................... -0.3V to (VDD + 0.3V)
Maximum current out of VSS pin ...........................................................................................................................300 mA
Maximum current into VDD pin(2)...........................................................................................................................250 mA
Maximum current sourced/sunk by any 4x I/O pin..................................................................................................15 mA
Maximum current sourced/sunk by any 8x I/O pin..................................................................................................25 mA
Maximum current sourced/sunk by any 16x I/O pin ................................................................................................45 mA
Maximum current sunk by all ports .......................................................................................................................200 mA
Maximum current sourced by all ports(2)...............................................................................................................200mA
Note 1: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions
above those indicated in the operation listings of this specification is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.
2: Maximum allowable current is a function of the device maximum power dissipation (see Table 27-2).
3: See the “Pin Diagrams” section for 5V tolerant pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com