Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 368 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 368 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 364Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 365Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 366Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 367Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 368Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 369Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 370Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 371Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 372Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 368
 2009-2012 Microchip Technology Inc.
TABLE 27-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC20d
21
30
mA
-40°C
3.3V
10 MIPS
See Note 2
DC20a
21
30
mA
+25°C
DC20b
21
30
mA
+85°C
DC20c
22
30
mA
+125°C
DC21d
28
40
mA
-40°C
3.3V
16 MIPS
See Note 2 and 3
DC21a
28
40
mA
+25°C
DC21b
28
40
mA
+85°C
DC21c
29
40
mA
+125°C
DC22d
35
45
mA
-40°C
3.3V
20 MIPS
See Note 2 and 3
DC22a
35
45
mA
+25°C
DC22b
35
45
mA
+85°C
DC22c
36
45
mA
+125°C
DC23d
49
60
mA
-40°C
3.3V
30 MIPS
See Note 2 and 3
DC23a
49
60
mA
+25°C
DC23b
49
60
mA
+85°C
DC23c
50
60
mA
+125°C
DC24d
66
75
mA
-40°C
3.3V
40 MIPS
See Note 2
DC24a
66
75
mA
+25°C
DC24b
66
75
mA
+85°C
DC24c
67
75
mA
+125°C
DC25d
153
170
mA
-40°C
3.3V
40 MIPS
See Note 2 and 3, except PWM is
operating at maximum speed
(PTCON2 = 0x0000)
DC25a
154
170
mA
+25°C
DC25b
155
170
mA
+85°C
DC25c
156
170
mA
+125°C
Note 1: Data in “Typical” column is at 3.3V, +25°C unless otherwise stated.
2: IDD is primarily a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact
on the current consumption. The test conditions for all IDD measurements are as follows:
• Oscillator is configured in EC mode with PLL, OSC1 is driven with external square wave from
rail-to-rail (EC clock overshoot/undershoot < 250 mV required)
• CLKO is configured as an I/O input pin in the Configuration Word
• All I/O pins are configured as inputs and pulled to VSS
•MCLR = VDD, WDT and FSCM are disabled
• CPU, SRAM, program memory and data memory are operational
• No peripheral modules are operating; however, every peripheral is being clocked (all PMDx bits are all ‘0’s)
• CPU executing while(1) statement
• JTAG disabled
3: These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com