Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 369 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 369 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 365Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 366Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 367Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 368Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 369Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 370Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 371Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 372Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 373Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 369
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DC26d
122
135
mA
-40°C
3.3V
40 MIPS
See Note 2 and 3, except PWM is
operating at 1/2 speed
(PTCON2 = 0x0001)
DC26a
123
135
mA
+25°C
DC26b
124
135
mA
+85°C
DC26c
125
135
mA
+125°C
DC27d
107
120
mA
-40°C
3.3V
40 MIPS
See Note 2 and 3, except PWM is
operating at 1/4 speed
(PTCON2 = 0x0002)
DC27a
108
120
mA
+25°C
DC27b
109
120
mA
+85°C
DC27c
110
120
mA
+125°C
DC28d
88
100
mA
-40°C
3.3V
40 MIPS
See Note 2 and 3, except PWM is
operating at 1/8 speed
(PTCON2 = 0x0003)
DC28a
89
100
mA
+25°C
DC28b
89
100
mA
+85°C
DC28c
89
100
mA
+125°C
TABLE 27-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD) (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
Note 1: Data in “Typical” column is at 3.3V, +25°C unless otherwise stated.
2: IDD is primarily a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact
on the current consumption. The test conditions for all IDD measurements are as follows:
• Oscillator is configured in EC mode with PLL, OSC1 is driven with external square wave from
rail-to-rail (EC clock overshoot/undershoot < 250 mV required)
• CLKO is configured as an I/O input pin in the Configuration Word
• All I/O pins are configured as inputs and pulled to VSS
•MCLR = VDD, WDT and FSCM are disabled
• CPU, SRAM, program memory and data memory are operational
• No peripheral modules are operating; however, every peripheral is being clocked (all PMDx bits are all ‘0’s)
• CPU executing while(1) statement
• JTAG disabled
3: These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com