Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 445 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 445 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 441Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 442Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 443Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 444Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 445Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 446Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 447Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 448Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 449Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 445
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
INDEX
A
AC Characteristics ............................................................ 378
10-Bit, High-Speed ADC ........................................... 406
Internal FRC Accuracy.............................................. 381
Internal LPRC Accuracy............................................ 381
Load Conditions ........................................................ 378
Temperature and Voltage Specifications .................. 378
Alternate Interrupt Vector Table (AIVT) ............................ 123
Arithmetic Logic Unit (ALU)................................................. 39
Assembler
MPASM Assembler................................................... 362
B
Barrel Shifter ....................................................................... 43
Bit-Reversed Addressing .................................................. 102
Example .................................................................... 103
Implementation ......................................................... 102
Sequence Table (16-Entry)....................................... 103
Block Diagrams
16-Bit Timer1 Module................................................ 215
AC-to-DC Power Supply with PFC and 3 Outputs ...... 32
ADC Module with 1 SAR for dsPIC33FJ32GS406,
dsPIC33FJ64GS406 Devices ............................... 311
ADC Module with 2 SARs for dsPIC33FJ32GS606,
dsPIC33FJ64GS606 Devices ............................... 312
ADC Module with 2 SARs for dsPIC33FJ32GS608,
dsPIC33FJ64GS608 Devices ............................... 313
ADC Module with 2 SARs for dsPIC33FJ32GS610,
dsPIC33FJ64GS610 Devices ............................... 314
Boost Converter Implementation ................................ 27
Conceptual High-Speed PWMx ................................ 231
Connections for On-Chip Voltage Regulator............. 349
Digital PFC.................................................................. 27
DMA Top Level System Architecture Using
Dedicated Transaction Bus............................... 178
DSP Engine ................................................................ 40
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610...................... 18
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 CPU Core .... 34
ECANx Module ......................................................... 282
High-Speed Analog Comparator x Module ............... 341
High-Speed PWMx Architecture ............................... 230
I2C Module ................................................................ 268
Input Capture x ......................................................... 223
Interleaved PFC .......................................................... 30
Multi-Phase Synchronous Buck Converter ................. 28
Off-Line Ups................................................................ 29
Oscillator System ...................................................... 188
Output Compare Module........................................... 225
Phase-Shifted Full-Bridge Converter .......................... 31
PLL............................................................................ 190
Quadrature Encoder Interface x................................ 257
Reset System............................................................ 115
Shared Port Structure ............................................... 212
Simplified UART Module........................................... 275
Single-Phase Synchronous Buck Converter............... 28
SPI Module ............................................................... 261
Timer2/3/4/5 (32-Bit) ................................................. 219
Type B Timer ............................................................ 217
Type C Timer ............................................................ 217
Watchdog Timer (WDT) ............................................ 350
Brown-out Reset (BOR) .................................... 119, 345, 349
C
C Compilers
MPLAB C18.............................................................. 362
Clock Generation
Auxiliary .................................................................... 191
Reference ................................................................. 191
Clock Switching ................................................................ 199
Enabling.................................................................... 199
Sequence ................................................................. 199
Code Examples
Erasing a Program Memory Page ............................ 113
Initiating a Programming Sequence ......................... 114
Loading Write Buffers ............................................... 114
Port Write/Read ........................................................ 213
PWRSAV Instruction Syntax .................................... 201
Code Protection ........................................................ 345, 352
CodeGuard Security ................................................. 345, 352
Configuration Bits ............................................................. 345
Description................................................................ 346
Configuration Register Map .............................................. 345
Configuring Analog Port Pins............................................ 213
CPU
Control Registers........................................................ 36
CPU Clocking System ...................................................... 189
PLL Configuration..................................................... 190
Selection................................................................... 189
Sources .................................................................... 189
Customer Change Notification Service............................. 451
Customer Notification Service .......................................... 451
Customer Support............................................................. 451
D
Data Accumulators and Adder/Subtracter .......................... 41
Data Space Write Saturation ...................................... 43
Overflow and Saturation ............................................. 41
Round Logic ............................................................... 42
Write Back .................................................................. 42
Data Address Space........................................................... 47
Alignment.................................................................... 47
Memory Map for 4-Kbyte RAM Devices ..................... 48
Memory Map for 8-Kbyte RAM Devices ..................... 49
Memory Map for 9-Kbyte RAM Devices ..................... 50
Near Data Space ........................................................ 47
SFR Space ................................................................. 47
Software Stack ........................................................... 99
Width .......................................................................... 47
DC and AC Characteristics
Graphs and Tables ................................................... 421
DC Characteristics
Brown-out Reset (BOR)............................................ 376
Doze Current (IDOZE)................................................ 372
I/O Pin Input Specifications ...................................... 373
I/O Pin Output Specifications.................................... 375
Idle Current (IIDLE) .................................................... 370
Internal Voltage Regulator Specifications................. 377
Operating Current (IDD) ............................................ 368
Operating MIPS vs. Voltage ..................................... 366
Power-Down Current (IPD)........................................ 371
Program Memory...................................................... 377
Temperature and Voltage Specifications.................. 367



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com