Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 442 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 442 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 438Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 439Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 440Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 441Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 442Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 443Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 444Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 445Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 446Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 442
 2009-2012 Microchip Technology Inc.
Revision D (January 2012)
This revision includes minor typographical and
formatting changes throughout the data sheet text.
All occurrences of PGCn and PGDn (where n = 1, 2,
or 3) were updated to: PGECn and PGEDn throughout
the document.
All other changes are referenced by their respective
section in Table B-3.
TABLE B-3:
MAJOR SECTION UPDATES
Section Name
Update Description
“16-Bit Digital Signal Controllers with
High-Speed PWM, ADC and
Comparators”
Added 50 MIPS to Operating Range.
Changed the Oscillator frequency range in System Management.
Added the “Referenced Sources” section.
Section 1.0 “Device Overview”
Updated the block diagram of the core and peripheral modules (see
Figure 1-1).
Section 2.0 “Guidelines for Getting
Started with 16-Bit Digital Signal
Controllers”
Updated the Recommended Minimum Connection diagram (see
Figure 2-1).
Updated the VCAP pin capacitor specification in Section 2.3
“Capacitor on Internal Voltage Regulator (VCAP)”.
Section 4.0 “Memory Organization”
Removed IPC20 and updated IFS5, IFS7, IEC5, IEC7, and IPC29 in
the Interrupt Controller Register Map for dsPIC33FJ64GS606 devices
(see Table 4-6).
Removed IPC20 and IPC21 and updated IFS5, IFS7, IEC5, IEC7, and
IPC29 in the Interrupt Controller Register Map for dsPIC33FJ32GS406
and dsPIC33FJ64GS406 devices (see Table 4-7).
Removed IPC20 and updated IFS5, IFS7, IEC5, IEC7, and IPC29 in
the Interrupt Controller Register Map for dsPIC33FJ32GS606 devices
(see Table 4-10).
Added High-Speed 10-bit ADC Register Map for dsPIC33FJ32GS406
and dsPIC33FJ64GS406 devices (see Table 4-35).
Updated ODCG in PORTG Register Map for dsPIC33FJ32GS610 and
dsPIC33FJ64GS610 devices (see Table 4-54).
Updated ODCG in PORTG Register Map for dsPIC33FJ32GS608 and
dsPIC33FJ64GS608 devices (see Table 4-55).
Updated ODCG in PORTG Register Map for dsPIC33FJ32GS406/606
and dsPIC33FJ64GS406/606 devices (see Table 4-56).
Section 9.0 “Oscillator Configuration”
Changed the High-Speed Crystal (HS) frequency range in
Section 9.1.1 “System Clock sources”.
Updated the device operating speed to up to 50 MHz in Section 9.1.2
“System Clock Selection”.
Updated Section 9.1.3 “PLL Configuration” to reflect the new
operating range/speed of 50 MIPS/50 MHz.
Updated Section 9.2 “Auxiliary Clock Generation”.
Section 22.0 “High-Speed, 10-Bit Analog-
to-Digital Converter (ADC)”
Updated the ADC Block Diagram for dsPIC33FJ32GS406 and
dsPIC33FJ64GS406 Devices with one SAR (see Table 22-1).
Added Note 2 to ADCPC6: ADC Convert Pair Control Register 6 (see
Register 22-12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com