Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 438 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 438 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 434Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 435Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 436Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 437Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 438Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 439Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 440Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 441Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 442Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 438
 2009-2012 Microchip Technology Inc.
APPENDIX B: REVISION HISTORY
Revision A (March 2009)
This is the initial release of this document.
Revision B (November 2009)
The revision includes the following global update:
• Added Note 2 to the shaded table that appears at
the beginning of each chapter. This new note
provides information regarding the availability of
registers and their associated bits
This revision also includes minor typographical and
formatting changes throughout the data sheet text.
All other major changes are referenced by their
respective section in Table B-1.
TABLE B-1:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, 16-bit Digital
Signal Controllers”
Added “DMA Channels” column and updated the RAM size to 9K for the
dsPIC33FJ64GS406 devices in the controller families table (see Table 1).
Updated the pin diagrams as follows:
• 64-pin TQFP and QFN
- Removed FLT8 from pin 51
- Added FLT8 to pin 60
- Added FLT17 to pin 31
- Added FLT18 to pin32
• 80-pin TQFP
- Removed FLT8 from pin 63
- Added FLT8 to pin 76
- Added FLT19 to pin 53
- Added FLT20 to pin 52
• 100-pin TQFP
- Removed FLT8 from pin 78
- Added FLT8 to pin 93
- Added SYNCO1 to pin 95
Section 4.0 “Memory Organization”
Added Data Memory Map for Devices with 8 KB RAM (see Figure 4-4).
Removed SFRs IPC25 and IPC26 from the Interrupt Controller Register
Map for dsPIC33FJ32GS406 and dsPIC33FJ64GS406 devices (see
Table 4-7).
The following bits in the Interrupt Controller Register Map for
dsPIC33FJ32GS406 and dsPIC33FJ64GS406 devices were changed to
unimplemented (see Table 4-7):
• Bit 2 of IFS1
• Bits 9-7 of IFS6
• Bit 2 of IEC1
• Bits 9-7 of IEC6
• Bits 10-8 of IPC4
Removed OSCTUN2 and LFSR, updated OSCCON and OSCTUN,
renamed bit 13 of the REFOCON SFR in the System Control Register
Map from ROSIDL to ROSSLP and changed the All Resets value from
‘0000’ to ‘2300’ for the ACLKCON SFR (see Table 4-56).
Updated bit 1 of the PMD Register Map for dsPIC33FJ64GS608 devices
from unimplemented to C1MD (see Table 4-60).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com