| Electronic Components Datasheet Search |
|
dsPIC33FJ64GS406 Datasheet(PDF) 440 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ64GS406 Datasheet(HTML) 440 Page - Microchip Technology |
|
440 / 456 page ![]() dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 DS70591E-page 440 2009-2012 Microchip Technology Inc. Section 27.0 “Electrical Characteristics” Updated the Absolute Maximum Ratings for high temperature and added Note 4. Updated all Operating Current (IDD) Typical and Max values in Table 27-5. Updated all Idle Current (IIDLE) Typical and Max values in Table 27-6. Updated all Power-Down Current (IPD) Typical and Max values in Table 27-7. Updated all Doze Current (IDOZE) Typical and Max values in Table 27-8. Updated the Typ and Max values for parameter D150 and removed parameters DI26, DI28, and DI29 from the I/O Pin Input Specifications (see Table 27-9). Updated the Typ and Max values for parameter DO10 and DO27 and the Min and Typ values for parameter DO20 in the I/O Pin Output Specifications (see Table 27-10). Added parameter numbers to the Auxiliary PLL Clock Timing Specifications (see Table 27-18). Added parameters numbers and updated the Internal RC Accuracy Min, Typ, and Max values (see Table 27-19 and Table 27-20). Added parameter numbers, Note 2, updated the Min and Typ parameter values for MP31 and MP32, and removed the conditions for MP10 and MP11 in the High-Speed PWM Module Timing Requirements (see Table 27-29). Updated the SPIx Module Slave Mode (CKE = 1) Timing Characteristics (see Figure 27-14). Added parameter IM51 to the I2Cx Bus Data Timing Requirements (Master Mode) (see Table 27-34). Updated the Max value for parameter AD33 in the 10-bit High-Speed ADC Module Specifications (see Table 27-36). Updated the titles and added parameter numbers to the Comparator and DAC Module Specifications (see Table 27-38 and Table 27-39) and the DAC Output Buffer Specifications (see Table 27-40). TABLE B-1: MAJOR SECTION UPDATES (CONTINUED) Section Name Update Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |