Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 106 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 106 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 102Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 103Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 104Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 105Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 106Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 107Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 108Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 109Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 106
 2009-2012 Microchip Technology Inc.
4.6.2
DATA ACCESS FROM PROGRAM
MEMORY USING TABLE
INSTRUCTIONS
The TBLRDL and TBLWTL instructions offer a direct
method of reading or writing the lower word of any
address within the program space without going
through data space. The TBLRDH and TBLWTH
instructions are the only method to read or write the
upper 8 bits of a program space word as data.
The PC is incremented by two for each successive
24-bit program word. This allows program memory
addresses to directly map to data space addresses.
Program memory can thus be regarded as two
16-bit-wide word address spaces, residing side by side,
each with the same address range. TBLRDL and
TBLWTL access the space that contains the least
significant data word. TBLRDH and TBLWTH access the
space that contains the upper data byte.
Two table instructions are provided to move byte or
word-sized (16-bit) data to and from program space.
Both function as either byte or word operations.
• TBLRDL (Table Read Low):
- In Word mode, this instruction maps the
lower word of the program space location
(P<15:0>) to a data address (D<15:0>).
- In Byte mode, either the upper or lower byte
of the lower program word is mapped to the
lower byte of a data address. The upper byte
is selected when Byte Select is ‘1’; the lower
byte is selected when it is ‘0’.
• TBLRDH (Table Read High):
- In Word mode, this instruction maps the entire
upper word of a program address (P<23:16>)
to a data address. Note that D<15:8>, the
‘phantom byte’, will always be ‘0’.
- In Byte mode, this instruction maps the upper
or lower byte of the program word to D<7:0>
of the data address, in the TBLRDL
instruction. The data is always ‘0’ when the
upper ‘phantom’ byte is selected (Byte
Select = 1).
Similarly, two table instructions, TBLWTH and TBLWTL,
are used to write individual bytes or words to a program
space address. The details of their operation are
explained in Section 5.0 “Flash Program Memory”.
For all table operations, the area of program memory
space to be accessed is determined by the Table Page
register (TBLPAG). TBLPAG covers the entire program
memory space of the device, including user and
configuration spaces. When TBLPAG<7> = 0, the table
page is located in the user memory space. When
TBLPAG<7> = 1, the page is located in configuration
space.
FIGURE 4-10:
ACCESSING PROGRAM MEMORY WITH TABLE INSTRUCTIONS
0
8
16
23
00000000
00000000
00000000
00000000
‘Phantom’ Byte
TBLRDH.B (Wn<0> = 0)
TBLRDL.W
TBLRDL.B (Wn<0> = 1)
TBLRDL.B (Wn<0> = 0)
23
15
0
TBLPAG
02
0x000000
0x800000
0x020000
0x030000
Program Space
The address for the table operation is determined by the data EA
within the page defined by the TBLPAG register.
Only read operations are shown; write operations are also valid in
the user memory area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com