Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 110 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 110 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 106Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 107Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 108Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 109Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 110Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 111Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 112Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 113Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 110
 2009-2012 Microchip Technology Inc.
5.2
RTSP Operation
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610
Flash
program
memory array is organized into rows of 64 instructions or
192 bytes. RTSP allows the user application to erase a
page of memory, which consists of eight rows
(512 instructions) at a time, and to program one row or
one word at a time. Table 27-12 shows typical erase and
programming times. The 8-row erase pages and single
row write rows are edge-aligned from the beginning of
program memory, on boundaries of 1536 bytes and
192 bytes, respectively.
The program memory implements holding buffers that
can contain 64 instructions of programming data. Prior
to the actual programming operation, the write data
must be loaded into the buffers sequentially. The
instruction words loaded must always be from a group
of 64 boundary.
The basic sequence for RTSP programming is to set up
a Table Pointer, then do a series of TBLWT instructions
to load the buffers. Programming is performed by
setting the control bits in the NVMCON register. A total
of 64 TBLWTL and TBLWTH instructions are required
to load the instructions.
All of the Table Write operations are single-word writes
(two instruction cycles) because only the buffers are writ-
ten. A programming cycle is required for programming
each row.
5.3
Programming Operations
A complete programming sequence is necessary for
programming or erasing the internal Flash in RTSP
mode.
The
processor stalls (waits)
until
the
programming operation is finished.
The programming time depends on the FRC accuracy
(see Table 27-20) and the value of the FRC Oscillator
Tuning register (see Register 9-4). Use the following
formula to calculate the minimum and maximum values
for the Row Write Time, Page Erase Time and Word
Write Cycle Time parameters (see Table 27-12).
EQUATION 5-1:
PROGRAMMING TIME
For example, if the device is operating at +125°C, the
FRC accuracy will be ±2%. If the TUN<5:0> bits (see
Register 9-4) are set to ‘b000000, the minimum row
write time is equal to Equation 5-2.
EQUATION 5-2:
MINIMUM ROW WRITE
TIME
The maximum row write time is equal to Equation 5-3.
EQUATION 5-3:
MAXIMUM ROW WRITE
TIME
Setting the WR bit (NVMCON<15>) starts the
operation, and the WR bit is automatically cleared
when the operation is finished.
5.4
Control Registers
Two SFRs are used to read and write the program
Flash memory: NVMCON and NVMKEY.
The NVMCON register (Register 5-1) controls which
blocks are to be erased, which memory type is to be
programmed and the start of the programming cycle.
NVMKEY is a write-only register that is used for write
protection. To start a programming or erase sequence,
the user application must consecutively write 0x55 and
0xAA to the NVMKEY register. Refer to Section 5.3
“Programming Operations” for further details.
T
7.37 MHz
FRC Accuracy
%
FRC Tuning
%
--------------------------------------------------------------------------------------------------------------------------
TRW =
= 1.477 ms
11064 Cycles
7.37 MHz
 (1 + 0.02)  (1 – 0.00375)
TRW =
= 1.537 ms
11064 Cycles
7.37 MHz
 (1 – 0.02)  (1 – 0.00375)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com