Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 117 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 117 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 113Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 114Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 115Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 116Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 117Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 118Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 119Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 120Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 117
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
6.1
System Reset
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 families of devices
have two types of Reset:
• Cold Reset
• Warm Reset
A Cold Reset is the result of a Power-on Reset (POR)
or a Brown-out Reset (BOR). On a Cold Reset, the
FNOSCx Configuration bits in the FOSC Configuration
register select the device clock source.
A Warm Reset is the result of all the other Reset
sources, including the RESET instruction. On Warm
Reset, the device will continue to operate from the
current clock source as indicated by the Current
Oscillator Selection (COSC<2:0>) bits in the Oscillator
Control (OSCCON<14:12>) register.
The device is kept in a Reset state until the system
power supplies have stabilized at appropriate levels
and the oscillator clock is ready. The sequence in
which this occurs is described in Figure 6-2.
TABLE 6-1:
OSCILLATOR DELAY
Oscillator Mode
Oscillator
Start-up Delay
Oscillator
Start-up Timer
PLL Lock Time
Total Delay
FRC, FRCDIV16, FRCDIVN
TOSCD(1)
——
TOSCD(1)
FRCPLL
TOSCD(1)
—TLOCK(3)
TOSCD + TLOCK(1,3)
XT
TOSCD(1)
TOST(2)
—TOSCD + TOST(1,2)
HS
TOSCD(1)
TOST(2)
—TOSCD + TOST(1,2)
EC
———
—
XTPLL
TOSCD(1)
TOST(2)
TLOCK(3)
TOSCD + TOST +
TLOCK(1,2,3)
HSPLL
TOSCD(1)
TOST(2)
TLOCK(3)
TOSCD + TOST +
TLOCK(1,2,3)
ECPLL
—
—
TLOCK(3)
TLOCK(3)
LPRC
TOSCD(1)
——
TOSCD(1)
Note 1: TOSCD = Oscillator start-up delay (1.1
s max. for FRC, 70 s max. for LPRC). Crystal oscillator start-up
times vary with crystal characteristics, load capacitance, etc.
2: TOST = Oscillator Start-up Timer (OST) delay (1024 oscillator clock period). For example, TOST = 102.4
s
for a 10 MHz crystal and TOST = 32 ms for a 32 kHz crystal.
3: TLOCK = PLL lock time (1.5 ms nominal) if PLL is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com