Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 119 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 119 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 115Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 116Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 117Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 118Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 119Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 120Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 121Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 122Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 119
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
6.2
Power-on Reset (POR)
A Power-on Reset (POR) circuit ensures the device is
reset from power-on. The POR circuit is active until
VDD crosses the VPOR threshold and the delay, TPOR,
has elapsed. The delay, TPOR, ensures the internal
device bias circuits become stable.
The device supply voltage characteristics must meet
the
specified
starting
voltage
and
rise
rate
requirements to generate the POR. Refer to
Section 27.0 “Electrical Characteristics” for details.
The Power-on Reset (POR) status bit in the Reset
Control (RCON<0>) register is set to indicate the
Power-on Reset.
6.3
Brown-out Reset (BOR) and
Power-up Timer (PWRT)
The on-chip regulator has a Brown-out Reset (BOR)
circuit that resets the device when the VDD is too low
(VDD < VBOR) for proper device operation. The BOR
circuit keeps the device in Reset until VDD crosses the
VBOR threshold and the delay, TBOR, has elapsed. The
delay, TBOR, ensures the voltage regulator output
becomes stable.
The Brown-out Reset (BOR) status bit in the Reset
Control (RCON<1>) register is set to indicate the
Brown-out Reset.
The device will not run at full speed after a BOR as the
VDD should rise to acceptable levels for full-speed
operation. The PWRT provides power-up time delay
(TPWRT) to ensure that the system power supplies have
stabilized at the appropriate levels for full-speed
operation before the SYSRST is released.
The Power-up Timer delay (TPWRT) is programmed by
the
Power-on
Reset
Timer
Value
Select
(FPWRT<2:0>) bits in the FPOR Configuration
(FPOR<2:0>) register, which provides eight settings
(from 0 ms to 128 ms). Refer to Section 24.0 “Special
Features” for further details.
Figure 6-3 shows the typical brown-out scenarios. The
Reset delay (TBOR + TPWRT) is initiated each time VDD
rises above the VBOR trip point
FIGURE 6-3:
BROWN-OUT SITUATIONS
VDD
SYSRST
VBOR
VDD
SYSRST
VBOR
VDD
SYSRST
VBOR
TBOR + TPWRT
VDD Dips Before PWRT Expires
TBOR + TPWRT
TBOR + TPWRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com