Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 123 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 123 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 119Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 120Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 121Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 122Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 123Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 124Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 125Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 126Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 123
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
7.0
INTERRUPT CONTROLLER
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 interrupt controller
reduces the numerous peripheral interrupt request
signals to a single interrupt request signal to
the
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 CPU. It has the
following features:
• Up to Eight Processor Exceptions and Software
Traps
• Seven User-Selectable Priority Levels
• Interrupt Vector Table (IVT) with up to 118 Vectors
• A Unique Vector for each Interrupt or Exception
Source
• Fixed Priority within a Specified User Priority Level
• Alternate Interrupt Vector Table (AIVT) for Debug
Support
• Fixed Interrupt Entry and Return Latencies
7.1
Interrupt Vector Table
The Interrupt Vector Table (IVT) is shown in Figure 7-1.
The IVT resides in program memory, starting at location
000004h. The IVT contains 126 vectors, consisting of
eight nonmaskable trap vectors, plus up to 118 sources
of interrupt. In general, each interrupt source has its own
vector. Each interrupt vector contains a 24-bit-wide
address. The value programmed into each interrupt
vector location is the starting address of the associated
Interrupt Service Routine (ISR).
Interrupt vectors are prioritized in terms of their natural
priority. This priority is linked to their position in the
vector table. Lower addresses generally have a higher
natural priority. For example, the interrupt associated
with Vector 0 will take priority over interrupts at any
other vector address.
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 devices implement
up to 71 unique interrupts and five non-maskable traps.
These are summarized in Table 7-1.
7.1.1
ALTERNATE INTERRUPT VECTOR
TABLE
The Alternate Interrupt Vector Table (AIVT) is located
after the IVT, as shown in Figure 7-1. Access to the
AIVT is provided by the ALTIVT control bit
(INTCON2<15>). If the ALTIVT bit is set, all interrupt
and exception processes use the alternate vectors
instead of the default vectors. The alternate vectors are
organized in the same manner as the default vectors.
The AIVT supports debugging by providing a means to
switch between an application and a support environ-
ment without requiring the interrupt vectors to be
reprogrammed. This feature also enables switching
between applications for evaluation of different soft-
ware algorithms at run time. If the AIVT is not needed,
the AIVT should be programmed with the same
addresses used in the IVT.
7.2
Reset Sequence
A device Reset is not a true exception because the
interrupt controller is not involved in the Reset process.
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 device clears its
registers in response to a Reset, which forces the PC to
zero. The Digital Signal Controller (DSC) then begins
program execution at location, 0x000000. A GOTO
instruction at the Reset address can redirect program
execution to the appropriate start-up routine.
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610
families of devices. It is not intended to be
a comprehensive reference source. To
complement the information in this data
sheet, refer to Section 47. “Interrupts
(Part V)” (DS70597) in the “dsPIC33F/
PIC24H Family Reference Manual”,
which is available from the Microchip web
site (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Note:
Any unimplemented or unused vector
locations in the IVT and AIVT should be
programmed with the address of a default
interrupt handler routine that contains a
RESET instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com