Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 183 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 183 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 179Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 180Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 181Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 182Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 183Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 184Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 185Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 186Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 183
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
REGISTER 8-7:
DMACS0: DMA CONTROLLER STATUS REGISTER 0
U-0
U-0
U-0
U-0
R/C-0
R/C-0
R/C-0
R/C-0
—
—
—
—
PWCOL3
PWCOL2
PWCOL1
PWCOL0
bit 15
bit 8
U-0
U-0
U-0
U-0
R/C-0
R/C-0
R/C-0
R/C-0
—
—
—
—
XWCOL3
XWCOL2
XWCOL1
XWCOL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
Unimplemented: Read as ‘0’
bit 11
PWCOL3: Channel 3 Peripheral Write Collision Flag bit
1 = Write collision is detected
0 = No write collision is detected
bit 10
PWCOL2: Channel 2 Peripheral Write Collision Flag bit
1 = Write collision is detected
0 = No write collision is detected
bit 9
PWCOL1: Channel 1 Peripheral Write Collision Flag bit
1 = Write collision is detected
0 = No write collision is detected
bit 8
PWCOL0: Channel 0 Peripheral Write Collision Flag bit
1 = Write collision is detected
0 = No write collision is detected
bit 7-4
Unimplemented: Read as ‘0’
bit 3
XWCOL3: Channel 3 DMA RAM Write Collision Flag bit
1 = Write collision is detected
0 = No write collision is detected
bit 2
XWCOL2: Channel 2 DMA RAM Write Collision Flag bit
1 = Write collision is detected
0 = No write collision is detected
bit 1
XWCOL1: Channel 1 DMA RAM Write Collision Flag bit
1 = Write collision is detected
0 = No write collision is detected
bit 0
XWCOL0: Channel 0 DMA RAM Write Collision Flag bit
1 = Write collision is detected
0 = No write collision is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com