Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 187 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 187 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 183Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 184Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 185Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 186Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 187Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 188Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 189Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 190Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 187
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
9.0
OSCILLATOR
CONFIGURATION
The oscillator system provides:
• External and Internal Oscillator Options as Clock
Sources
• An On-Chip Phase-Locked Loop (PLL) to Scale
the Internal Operating frequency to the Required
System Clock Frequency
• An Internal FRC Oscillator that can also be used
with the PLL, thereby allowing Full-Speed Operation
without any External Clock Generation Hardware
• Clock Switching Between Various Clock Sources
• Programmable Clock Postscaler for System
Power Savings
• A Fail-Safe Clock Monitor (FSCM) that Detects
Clock Failure and takes Fail-Safe Measures
• A Clock Control Register (OSCCON)
• Nonvolatile Configuration bits for Main Oscillator
Selection
• Auxiliary PLL for ADC and PWM
A simplified diagram of the oscillator system is shown
in Figure 9-1.
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610
families of devices. It is not intended to be
a comprehensive reference source. To
complement the information in this data
sheet, refer to Section 42. “Oscillator
(Part IV)” (DS70307) in the “dsPIC33F/
PIC24H Family Reference Manual”,
which is available from the Microchip web
site (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com