Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 188 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 188 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 184Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 185Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 186Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 187Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 188Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 189Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 190Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 191Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 188
 2009-2012 Microchip Technology Inc.
FIGURE 9-1:
OSCILLATOR SYSTEM DIAGRAM
÷ N
ACLK
SELACLK
APSTSCLR<2:0>
To PWM/ADC(1)
ENAPLL
ASRCSEL
FRCSEL
POSCCLK
FRCCLK
÷ N
ROSEL RODIV<3:0>
REFCLKO(3)
POSCCLK
Reference Clock Generation
Auxiliary Clock Generation
Note 1:
See Section 9.1.3 “PLL Configuration” and Section 9.2 “Auxiliary Clock Generation” for configuration restrictions.
2:
If the oscillator is used with XT or HS modes, an external parallel resistor with the value of 1 M
 must be connected.
3:
REFCLKO functionality is not available if the primary oscillator is used.
4:
The term, FP, refers to the clock source for all the peripherals, while FCY refers to the clock source for the CPU. Throughout this
document, FP and FCY are used interchangeably, except in the case of Doze mode. FP and FCY will be different when Doze mode
is used in any ratio other than 1:1, which is the default.
FVCO(1)
FOSC
Secondary Oscillator (SOSC)
LPOSCEN
SOSCO
SOSCI
Timer 1
OSC2
OSC1
Primary Oscillator (POSC)
XTPLL, HSPLL,
XT, HS, EC
FRCDIV<2:0>
WDT, PWRT,
FSCM
FRCDIVN
SOSC
FRCDIV16
ECPLL, FRCPLL
NOSC<2:0>
FNOSC<2:0>
Reset
FRC
Oscillator
LPRC
Oscillator
DOZE<2:0>
S3
S1
S2
S1/S3
S7
S6
FRC
LPRC
S0
S5
S4
÷ 16
Clock Switch
S7
Clock Fail
÷ 2
TUN<5:0>
PLL(1)
FCY(4)
FOSC
FVCO(1)
To ADC and
Generator
R(2)
POSCMD<1:0>
POSCCLK
FP(4)
Auxiliary Clock
APLL(1)
x16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com