Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 191 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 191 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 187Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 188Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 189Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 190Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 191Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 192Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 193Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 194Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 191
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
9.2
Auxiliary Clock Generation
The auxiliary clock generation is used for a peripherals
that need to operate at a frequency unrelated to the
system clock such as a PWM or ADC.
The primary oscillator and internal FRC oscillator
sources can be used with an auxiliary PLL to obtain the
auxiliary clock. The auxiliary PLL has a fixed 16x
multiplication factor.
The auxiliary clock has the following configuration
restrictions:
• For proper PWM operation, auxiliary clock
generation must be configured for 120 MHz (see
Parameter OS56 in Table 27-18 in Section 27.0
“Electrical Characteristics”). If a slower frequency
is desired, the PWM Input Clock Prescaler (Divider)
Select bits (PCLKDIV<2:0>) should be used.
• To achieve 1.04 ns PWM resolution, the auxiliary
clock must use the 16x auxiliary PLL (APLL). All
other clock sources will have a minimum PWM
resolution of 8 ns.
• If the primary PLL is used as a source for the aux-
iliary clock, the primary PLL should be configured
up to a maximum operation of 30 MIPS or less.
9.3
Reference Clock Generation
The reference clock output logic provides the user with
the ability to output a clock signal based on the system
clock or the crystal oscillator on a device pin. The user
application can specify a wide range of clock scaling
prior to outputting the reference clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com