Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 189 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 189 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 185Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 186Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 187Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 188Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 189Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 190Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 191Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 192Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 189
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
9.1
CPU Clocking System
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 devices provide six
system clock options:
• Fast RC (FRC) Oscillator
• FRC Oscillator with PLL
• Primary (XT, HS, or EC) Oscillator
• Primary Oscillator with PLL
• Low-Power RC (LPRC) Oscillator
• FRC Oscillator with Postscaler
• Secondary (LP) Oscillator
9.1.1
SYSTEM CLOCK SOURCES
The Fast RC (FRC) internal oscillator runs at a nominal
frequency of 7.37 MHz. User software can tune the
FRC frequency. User software can optionally specify a
factor (ranging from 1:2 to 1:256) by which the FRC
clock frequency is divided. This factor is selected using
the FRCDIV<2:0> (CLKDIV<10:8>) bits.
The primary oscillator can use one of the following as
its clock source:
• XT (Crystal): Crystals and ceramic resonators in
the range of 3 MHz to 10 MHz. The crystal is
connected to the OSC1 and OSC2 pins
• HS (High-Speed Crystal): Crystals in the range of
10 MHz to 50 MHz. The crystal is connected to
the OSC1 and OSC2 pins
• EC (External Clock): The external clock signal is
directly applied to the OSC1 pin
The secondary (LP) oscillator is designed for low power
and uses a 32.768 kHz crystal or ceramic resonator.
The LP oscillator uses the SOSCI and SOSCO pins.
The LPRC internal oscIllator runs at a nominal
frequency of 32.768 kHz. It is also used as a reference
clock by the Watchdog Timer (WDT) and Fail-Safe
Clock Monitor (FSCM).
The clock signals generated by the FRC and primary
oscillators can be optionally applied to an on-chip
Phase-Locked Loop (PLL) to provide a wide range of
output
frequencies
for
device
operation.
PLL
configuration is described in Section 9.1.3 “PLL
Configuration”.
The FRC frequency depends on the FRC accuracy
(see Table 27-20) and the value of the FRC Oscillator
Tuning register (see Register 9-4).
9.1.2
SYSTEM CLOCK SELECTION
The oscillator source used at a device Power-on
Reset event is selected using Configuration bit
settings. The Oscillator Configuration bit settings are
located in the Configuration registers in the program
memory. (Refer to Section 24.1 “Configuration Bits”
for further details.) The Initial Oscillator Selection Con-
figuration bits, FNOSC<2:0> (FOSCSEL<2:0>), and
the Primary Oscillator Mode Select Configuration bits,
POSCMD<1:0> (FOSC<1:0>), select the oscillator
source that is used at a Power-on Reset. The FRC
primary oscillator is the default (unprogrammed)
selection.
The Configuration bits allow users to choose among
12 different clock modes, shown in Table 9-1.
The output of the oscillator (or the output of the PLL if
a PLL mode has been selected), FOSC, is divided by 2
to generate the device instruction clock (FCY) and the
peripheral clock time base (FP). FCY defines the
operating speed of the device and speeds up to
50 MIPS are supported by the device architecture.
Instruction execution speed or device operating
frequency, FCY, is given by Equation 9-1.
EQUATION 9-1:
DEVICE OPERATING
FREQUENCY
TABLE 9-1:
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
FCY = FOSC/2
Oscillator Mode
Oscillator Source POSCMD<1:0> FNOSC<2:0> See Notes
Fast RC Oscillator with Divide-by-N (FRCDIVN)
Internal
xx
111
1, 2
Fast RC Oscillator with Divide-by-16 (FRCDIV16)
Internal
xx
110
1
Low-Power RC Oscillator (LPRC)
Internal
xx
101
1
Secondary Oscillator (SOSC)
Secondary
xx
100
—
Primary Oscillator (HS) with PLL (HSPLL)
Primary
10
011
—
Primary Oscillator (XT) with PLL (XTPLL)
Primary
01
011
—
Primary Oscillator (EC) with PLL (ECPLL)
Primary
00
011
1
Primary Oscillator (HS)
Primary
10
010
—
Primary Oscillator (XT)
Primary
01
010
—
Primary Oscillator (EC)
Primary
00
010
1
Fast RC Oscillator with PLL (FRCPLL)
Internal
xx
001
1
Fast RC Oscillator (FRC)
Internal
xx
000
1
Note 1: OSC2 pin function is determined by the OSCIOFNC Configuration bit.
2: This is the default oscillator mode for an unprogrammed (erased) device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com