Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG779BKS-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG779BKS-R2
Description  CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG779BKS-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG779BKS-R2 Datasheet HTML 4Page - Analog Devices ADG779BKS-R2 Datasheet HTML 5Page - Analog Devices ADG779BKS-R2 Datasheet HTML 6Page - Analog Devices ADG779BKS-R2 Datasheet HTML 7Page - Analog Devices ADG779BKS-R2 Datasheet HTML 8Page - Analog Devices ADG779BKS-R2 Datasheet HTML 9Page - Analog Devices ADG779BKS-R2 Datasheet HTML 10Page - Analog Devices ADG779BKS-R2 Datasheet HTML 11Page - Analog Devices ADG779BKS-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADG779
Rev. A | Page 11 of 12
NETWORK
ANALYZER
VDD
GND
OFF ISOLATION = 20 log
VDD
0.1µF
S
D
50Ω
50Ω
VS
VOUT
RL
50Ω
VOUT
VS
IN
VIN
Figure 17. Off Isolation
NETWORK
ANALYZER
VDD
GND
CHANNEL-TO-CHANNEL CROSSTALK = 20 log
VDD
0.1µF
S1
D
50Ω
VS
VOUT
VS
S2
RL
50Ω
R
50Ω
VOUT
IN
Figure 18. Channel-to-Channel Crosstalk
NETWORK
ANALYZER
VDD
GND
INSERTION LOSS = 20 log
VDD
0.1µF
S
D
50Ω
VS
VOUT
RL
50Ω
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
IN
VIN
Figure 19. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com