Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG779BKS-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG779BKS-R2
Description  CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG779BKS-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADG779BKS-R2 Datasheet HTML 1Page - Analog Devices ADG779BKS-R2 Datasheet HTML 2Page - Analog Devices ADG779BKS-R2 Datasheet HTML 3Page - Analog Devices ADG779BKS-R2 Datasheet HTML 4Page - Analog Devices ADG779BKS-R2 Datasheet HTML 5Page - Analog Devices ADG779BKS-R2 Datasheet HTML 6Page - Analog Devices ADG779BKS-R2 Datasheet HTML 7Page - Analog Devices ADG779BKS-R2 Datasheet HTML 8Page - Analog Devices ADG779BKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CMOS 1.8 V to 5.5 V, 2.5 Ω
SPDT Switch/2:1 Mux in Tiny SC70 Package
ADG779
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V to 5.5 V single supply
2.5 Ω on resistance
0.75 Ω on-resistance flatness
−3 dB bandwidth >200 MHz
Rail-to-rail operation
6-lead SC70 package
Fast switching times
tON 20 ns
tOFF 6 ns
Typical power consumption (<0.01 μW)
TTL/CMOS compatible
APPLICATIONS
Battery-powered systems
Communication systems
Sample hold systems
Audio signal routing
Video switching
Mechanical reed relay replacements
FUNCTIONAL BLOCK DIAGRAM
IN
ADG779
S2
S1
D
SWITCHES SHOWN FOR
A LOGIC 1 INPUT
Figure 1.
GENERAL DESCRIPTION
The ADG779 is a monolithic CMOS SPDT (single-pole,
double-throw) switch. This switch is designed on a submicron
process that provides low power dissipation yet gives high
switching speed, low on resistance, and low leakage currents.
The ADG779 operates from a single supply range of 1.8 V to
5.5 V, making it ideal for use in battery-powered instruments
and with the new generation of DACs and ADCs from Analog
Devices, Inc.
Each switch of the ADG779 conducts equally well in both
directions when on. The ADG779 exhibits break-before-make
switching action.
Because of the advanced submicron process, −3 dB bandwidth
of greater than 200 MHz can be achieved.
The ADG779 is available in a 6-lead SC70 package.
PRODUCT HIGHLIGHTS
1.
Tiny 6-Lead SC70 Package.
2.
1.8 V to 5.5 V Single-Supply Operation. The ADG779
offers high performance, including low on resistance and
fast switching times, and is fully specified and guaranteed
with 3 V and 5 V supply rails.
3.
Very Low RON (5 Ω max at 5 V, 10 Ω max at 3 V). At 1.8 V
operation, RON is typically 40 Ω over the temperature range.
4.
On-Resistance Flatness (RFLAT (ON)) (0.75 Ω typ).
5.
−3 dB Bandwidth > 200 MHz.
6.
Low Power Dissipation. CMOS construction ensures low
power dissipation.
7.
14 ns Switching Times.


Similar Part No. - ADG779BKS-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG779BKS AD-ADG779BKS Datasheet
385Kb / 8P
CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV.0
More results

Similar Description - ADG779BKS-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG779 AD-ADG779 Datasheet
385Kb / 8P
CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV.0
ADG849 AD-ADG849 Datasheet
334Kb / 12P
3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
ADG859 AD-ADG859 Datasheet
278Kb / 16P
1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
6/05-Revision 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
10/08-Revision 0
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com