Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG779BKS-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG779BKS-R2
Description  CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG779BKS-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG779BKS-R2 Datasheet HTML 4Page - Analog Devices ADG779BKS-R2 Datasheet HTML 5Page - Analog Devices ADG779BKS-R2 Datasheet HTML 6Page - Analog Devices ADG779BKS-R2 Datasheet HTML 7Page - Analog Devices ADG779BKS-R2 Datasheet HTML 8Page - Analog Devices ADG779BKS-R2 Datasheet HTML 9Page - Analog Devices ADG779BKS-R2 Datasheet HTML 10Page - Analog Devices ADG779BKS-R2 Datasheet HTML 11Page - Analog Devices ADG779BKS-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADG779
Rev. A | Page 12 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-203-AB
0.22
0.08
0.30
0.15
1.00
0.90
0.70
SEATING
PLANE
4
5
6
3
2
1
PIN 1
0.65 BSC
1.30 BSC
0.10 MAX
0.10 COPLANARITY
0.40
0.10
1.10
0.80
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.46
0.36
0.26
Figure 20. 6-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package
Option
Branding1
ADG779BKS-R2
–40°C to +85°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-6
SKB
ADG779BKS-REEL
–40°C to +85°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-6
SKB
ADG779BKS-REEL7
–40°C to +85°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-6
SKB
ADG779BKSZ-R22
–40°C to +85°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-6
S0M
ADG779BKSZ-REEL2
–40°C to +85°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-6
S0M
ADG779BKSZ-REEL72
–40°C to +85°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-6
S0M
1 Brand on these packages is limited to three characters due to space constraints.
2 Z = Pb-free part.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C02491–0–10/05(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com