Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3130 Datasheet(PDF) 8 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 4Page - Microchip Technology MGC3130 Datasheet HTML 5Page - Microchip Technology MGC3130 Datasheet HTML 6Page - Microchip Technology MGC3130 Datasheet HTML 7Page - Microchip Technology MGC3130 Datasheet HTML 8Page - Microchip Technology MGC3130 Datasheet HTML 9Page - Microchip Technology MGC3130 Datasheet HTML 10Page - Microchip Technology MGC3130 Datasheet HTML 11Page - Microchip Technology MGC3130 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MGC3130
DS41667A-page 8
Advance Information
 2012 Microchip Technology Inc.
Within the Approach Detection sequence, the following
scans are performed:
• Approach Scan: An Approach Scan is performed
during the Scan phase of the MGC3130’s Self
Wake-up mode. Typically, 1 Rx channel is active
but more channels can be activated via GestIC
Library.
The
time
interval
between
two
consecutive Approach Scans is configurable. For
typical applications, the scan cycle is in a range of
20 ms to 150 ms. During the Approach Scan, the
activated Rx channels are monitored for signal
changes which are caused by, for example, an
approaching human hand and exceeding the
defined threshold. This allows an autonomous
wake-up of the MGC3130 and host applications at
very low power consumption.
• Calibration Scan(1): The Approach Detection
feature includes the possibility to perform
additional Calibration Scans for the continuous
adaptation
of
the
electrode
system
to
environmental changes.
A Calibration Scan is performed during the Scan
phase of the MGC3130’s Self Wake-up mode.
Four or five Rx channels are active to calibrate
the sensor signals. The Calibration Scan is
usually performed in configurable intervals from
2s to 10s.
To reduce the power consumption, the number of
scans per second can be decreased after a
certain time of non-user activity. A typical
implementation uses Calibration Scans every 2s
during the first minute, and every 10s afterwards,
until an approach is detected.
The timing sequence of the Approach Detection feature
is illustrated in Figure 2-2.
FIGURE 2-2:
APPROACH DETECTION SEQUENCE
Note 1: The Calibration Scan is only needed for
applications using the Position Tracking
feature.
Current
time
Periodic Approach Scans
Calibration
Scan
Periodic Approach Scans
Calibration
Scan
Periodic Approach Scans
Calibration
Scan
Periodic Approach Scans
20 ms-150 ms
2s-10s
ISLEEP = 9 μA
I5CHSCAN = 30 mA
I5CHSCAN: Scan Phase with 5 active Rx channels: Calibration Scan
ISLEEP: Sleep Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com