Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3130 Datasheet(PDF) 1 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 1 Page - Microchip Technology

  MGC3130 Datasheet HTML 1Page - Microchip Technology MGC3130 Datasheet HTML 2Page - Microchip Technology MGC3130 Datasheet HTML 3Page - Microchip Technology MGC3130 Datasheet HTML 4Page - Microchip Technology MGC3130 Datasheet HTML 5Page - Microchip Technology MGC3130 Datasheet HTML 6Page - Microchip Technology MGC3130 Datasheet HTML 7Page - Microchip Technology MGC3130 Datasheet HTML 8Page - Microchip Technology MGC3130 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2012 Microchip Technology Inc.
Advance Information
DS41667A-page 1
MGC3130
Introduction
The MGC3130 is a three-dimensional (3D) gesture
recognition and tracking controller chip based on
Microchip’s patented GestIC® technology. It enables
user command input with natural hand and finger
movements. Utilizing the principles of electrical near-
field sensing, the MGC3130 contains all the building
blocks to develop robust 3D input sensing systems.
Implemented
as
a
low-power
mixed-signal
configurable controller, it provides a large set of smart
functional features with integrated signal driver, a
frequency adaptive input path for automatic noise
suppression and a digital signal processing unit.
Microchip’s on-chip Colibri gesture suite minimizes
processing needs, reduces system power consumption
and results in low software development efforts for fast
time-to-market success. The MGC3130 is a unique
solution that provides gesture information as well as
positional data of the human hand in real time and
allows realization of a new generation of user
interfaces across various industries.
Applications:
• Displays
• Notebooks/Keyboards/PC Peripherals
• Mobile Phones
• Tablet Computers
• Electronic Readers
• Remote Controls
• Game Controllers
Power Features:
• Variety of Several Power Operation modes
include:
- Processing mode: 30 mA @ 3.3V, typical
- Programmable Self Wake-up: 45 µA @ 3.3V
- Deep Sleep: 9 µA @ 3.3V, typical
Key Features:
• Recognition of 3D Hand Gestures and x, y, z
Positional Data
• Proximity and Touch Sensing Capabilities
• Built-in Colibri Gesture Suite
• Advanced 3D Signal Processing Unit
• Detection Range: 0 to 15 cm
• Receiver Sensitivity: <1 fF
• Position Rate: 200 positions/sec
• Spatial Resolution: up to 150 dpi
• Carrier Frequency: 70 kHz to 130 kHz
• Channels Supported:
- 5 receive (Rx) channels
- 1 transmit (Tx) channel
• On-chip Auto Calibration
• Low Noise Radiation due to Low Transmit Voltage
and Slew Rate Control
• Noise Susceptibility Reduction:
- On-chip analog filtering
- On-chip digital filtering
- Automatic frequency hopping
• Enables the use of Low-Cost Electrode Material
including:
- Printed circuit board
- Conductive paint
- Conductive foil
- Laser Direct Structuring (LDS)
- Touch panel ITO structures
• Field Upgrade Capability
• Small Outline, 28-lead QFN package, 5x5 mm
• Operating Voltage: 2.5V to 3.6V (single supply)
• Temperature Range: -20°C to +85°C
Peripheral Features:
•2x I2C™ or SPI Interface for Configuration and
Streaming of Positional and Gesture Data
• Multi-zone Support via Master/Slave Architecture
Single-Zone 3D Gesture Controller Data Sheet


Similar Part No. - MGC3130

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130 Datasheet
1Mb / 50P
Audio Products
03/25/14
MGC3130 MICROCHIP-MGC3130 Datasheet
1Mb / 49P
MGC3140 3D Tracking and Gesture Controller Data Sheet
2018
MGC3130 MICROCHIP-MGC3130 Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
MGC3130 MICROCHIP-MGC3130 Datasheet
2Mb / 50P
Hillstar Development Kit User’s Guide
08/20/13
More results

Similar Description - MGC3130

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M33A HOLTEK-HT82M33A Datasheet
642Kb / 13P
3D Mouse Controller
3rd Mar 99
logo
List of Unclassifed Man...
PTK8607 ETC-PTK8607 Datasheet
361Kb / 25P
8 Bit Micro-controller Data Sheet
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
Single and Dual Zone
logo
Cypress Semiconductor
CY8CTMG110 CYPRESS-CY8CTMG110 Datasheet
647Kb / 31P
TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMG120 CYPRESS-CY8CTMG120 Datasheet
790Kb / 33P
TrueTouch??Multi-Touch Gesture Touchscreen Controller
logo
Microchip Technology
MGC3140 MICROCHIP-MGC3140 Datasheet
1Mb / 49P
MGC3140 3D Tracking and Gesture Controller Data Sheet
2018
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
HALIOS Controller for Proximity and Gesture Recognition
logo
Microchip Technology
MXG3141 MICROCHIP-MXG3141 Datasheet
1Mb / 41P
MXG3141 3D Gesture Controller Data Sheet
2021
MGC3140 MICROCHIP-MGC3140_V01 Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
logo
EnOcean GmbH.
LEDRU-W-EO ENOCEAN-LEDRU-W-EO Datasheet
3Mb / 2P
LED Relay Zone Controller 0-10V
V1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com