Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3130 Datasheet(PDF) 13 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 9Page - Microchip Technology MGC3130 Datasheet HTML 10Page - Microchip Technology MGC3130 Datasheet HTML 11Page - Microchip Technology MGC3130 Datasheet HTML 12Page - Microchip Technology MGC3130 Datasheet HTML 13Page - Microchip Technology MGC3130 Datasheet HTML 14Page - Microchip Technology MGC3130 Datasheet HTML 15Page - Microchip Technology MGC3130 Datasheet HTML 16Page - Microchip Technology MGC3130 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2012 Microchip Technology Inc.
Advance Information
DS41667A-page 13
MGC3130
4.1
Reset Block
The Reset block combines all Reset sources. It
controls the device system’s Reset signal (SYSRST).
The following is a list of device Reset sources:
•MCLR: Master Clear Reset pin
• SWR: Software Reset available through GestIC
Library
• WDTR: Watchdog Timer Reset
A simplified block diagram of the Reset block is
illustrated in Figure 4-2.
FIGURE 4-2:
SYSTEM RESET BLOCK
DIAGRAM
4.2
Power Control and Clocks
4.2.1
POWER MANAGEMENT UNIT (PMU)
The device requires a 3.3 to 3.6V supply voltage at
VDD. Enabling the internal STEP-UP converter extends
the voltage range to 2.5 to 3.6V.
According to Figure 4-3, the used power domains are
as follows:
• VDD Domain: This domain is powered by
VDD = 2.5V to 3.6V (typical VDD = 3.3V). VDD is
the external power supply for EIO, wake-up logic,
WDTR,
internal
regulators
and
STEP-UP
converter. It is provided externally through the
VDD pin.
• VDDC Domain: This domain is powered by
VDDC = 1.8V. It is generated by an embedded low-
impedance and fast linear voltage regulator. The
voltage regulator is working under all conditions
(also during Deep Sleep mode) preserving the
MGC3130 data context. VDDC is the internal
power supply voltage for digital blocks, Reset
block and RC oscillators. An external block
capacitor, CEFCD, is required on VCAPD pin.
• VDDA Domain: This domain is powered by
VDDA = 3.0V. It is generated by an embedded low-
impedance and fast linear voltage regulator.
During Deep Sleep mode, the analog voltage
regulator is switched off. VDDA is the internal
analog power supply voltage for the ADCs and
the signal conditioning. An external block
capacitor, CEFCA, is required on VCAPA pin.
• VDDM Domain: This domain is powered by
VDDM = 3.3V. VDDM is the internal power supply
voltage for the internal Flash memory. This power
supply is depending on VDD voltage range. If
VDD ≥ 3.3V, the memory is directly powered
through the VDD pin. In case of VDD < 3.3V, the
Flash power supply is generated internally by an
embedded STEP-UP converter.
FIGURE 4-3:
POWER SCHEME BLOCK
DIAGRAM
• STEP-UP Converter: The STEP-UP converter is
generating 3.3V from the connected supply
voltage VDD (if it is lower than 3.3V). This voltage
is required by the internal Flash memory. The
required voltage reference is taken from the
voltage reference block. During Deep Sleep
mode, the converter is switched off. It requires an
external connected inductor, a filtering capacitor
and a Schottky-diode connected to the VINDS and
VCAPS pins. If the supply voltage is high enough,
the STEP-UP converter will be disabled. Please
refer to Section 9.0 “Electrical Specifications”
for more details.
MCLR
Glitch Filter
Deep sleep
WDTR
Software Reset (SWR)
WDT Time-out
SYSRST
SPU
Digital
Peripherals
Reset Block
Internal Osc.
VDDC Domain
Analog voltage
regulator
Digital voltage
regulator
Flash
Memory
Wake-up logic
WDTR
EIO
VDDM Domain
STEP-UP converter
VCAPS
VSS2
VDD
VSS1
VCAPA
VSS3
ADC
Signal Conditioning Blocks
VDDA Domain
VCAPD
VINDS
VDD Domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com