Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6306D131ARJZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM6306D131ARJZ-R7
Description  Multiple Input Programmable Supervisory ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6306D131ARJZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM6306D131ARJZ-R7 Datasheet HTML 2Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM6305/ADM6306
Data Sheet
Rev. A | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Supply Current vs. Temperature
Figure 6. Reset Timeout vs. Temperature
Figure 7. Reset Threshold vs. Temperature
Figure 8. VCC Falling Propagation Delay vs. Temperature
Figure 9. Maximum Transient Duration vs. VCC Reset Threshold Overdrive
Figure 10. RST IN(VTH = 1.23 V) Falling Propagation Delay vs. Temperature
6.0
3.0
3.5
4.0
4.5
5.0
5.5
–40
–20
0
20
40
60
80
100
120
125
TEMPERATURE (°C)
VCC = 2.5V
VCC = 3.5V
VCC = 4.5V
VCC = 5.5V
1.10
0.85
0.90
0.95
1.00
1.05
–40
–20
0
20
40
60
80
100
120
125
TEMPERATURE (°C)
1.010
0.990
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
–40
–20
0
20
40
60
80
100
120
125
TEMPERATURE (°C)
90
80
70
60
50
40
30
20
10
0
–40
–20
0
20
40
60
80
100
120
125
TEMPERATURE (°C)
1mV/1µs
10mV/1µs
10k
1k
100
10
1
0
400
800
1200
OVERDRIVE, VTH – VCC (mV)
TRANSIENT DURATION
(µs) VTH = 5V
TRANSIENT DURATION
(µs) VTH = 2.5V
120
0
20
40
60
80
100
–40
–20
0
20
40
60
80
100
120
125
TEMPERATURE (°C)
1mV/1µs
10mV/1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com