Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6306D131ARJZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM6306D131ARJZ-R7
Description  Multiple Input Programmable Supervisory ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6306D131ARJZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM6306D131ARJZ-R7 Datasheet HTML 1Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 2Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Multiple Input Programmable
Supervisory ICs
Data Sheet
ADM6305/ADM6306
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Adjustable input threshold voltage options: 0.4 V and 1.23 V
Pre-trimmed V
CC threshold options (ADM6306)
Increments between 2.5 V and 5 V
Manual reset input (ADM6306)
4 factory programmed reset timeout delays
1 ms, 20 ms, 140 ms, and 1.12 sec (minimum)
Reset output stage: active low, open drain
Low power consumption: 5 µA typical
Power supply glitch immunity
5-lead SOT-23 package
Temperature range: −40°C to +125°C
APPLICATIONS
Portable/battery-operated equipment
Microprocessor systems
Multivoltage applications
FUNCTIONAL BLOCK DIAGRAMS
Figure 1.
Figure 2.
GENERAL DESCRIPTION
The ADM6305/ADM6306 are dual voltage supervisors
designed to monitor two supplies and provide a reset signal to
DSP- and microprocessor-based systems. Low supply current
and a small form factor make these devices suitable for portable
and battery-operated applications.
If a monitored power supply voltage falls below the minimum
voltage threshold, a single active low output asserts triggering a
system reset. Once all voltages rise above the selected threshold
level, the reset signal remains low for the reset timeout period.
Four reset timeout options are available.
The ADM6305 monitors two supplies via two adjustable
resistor-programmable undervoltage reset inputs. Both RST
IN1 and RST IN2 have a reset threshold of either 0.4 V or
1.23 V depending on the particular model; that is, the RST IN1
and RST IN2 threshold of the ADM6305DxARJZ model is
1.23 V, while in the case of ADM6305DxARJZ1 model, it is
0.4 V. The VCC input of the ADM6305 is not a monitored input.
The ADM6306 has one adjustable undervoltage reset input,
RST IN, which features a choice of reset threshold, 0.4 V or
1.23 V (see the Ordering Guide for more information). The
ADM6306 incorporates a variety of internally pretrimmed VCC
undervoltage threshold options for monitoring supply voltages
in increments between 2.5 V and 5 V. The ADM6306 also
includes a manual reset input.
The ADM6305/ADM6306 RESET output remains valid as long
as VCC exceeds 0.9 V.
The ADM6305/ADM6306 are available in a 5-lead SOT-23
package. These devices are specified over the temperature range
of −40°C to +125°C.
RESET
GENERATOR
RESET
0.4V/1.23V
RST IN1
VCC
GND
0.4V/1.23V
RST IN2
ADM6305
RESET
GENERATOR
GLITCH
REJECTION
RESET
1.23V
GND
0.4V/1.23V
RST IN
MR
ADM6306
VCC
VCC


Similar Part No. - ADM6306D131ARJZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6306D131ARJZ-R7 AD-ADM6306D131ARJZ-R7 Datasheet
199Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. 0
More results

Similar Description - ADM6306D131ARJZ-R7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
Multiple Voltage Supervisory ICs
August 17, 2010
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
Multiple Voltage Supervisory ICs
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
logo
Analog Devices
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. 0
logo
Maxim Integrated Produc...
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
Programmable Controllers AC/DC-Input Module Hybrid ICs
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
Multiple Voltage Supervisory ICs
logo
Toshiba Semiconductor
TLP290 TOSHIBA-TLP290 Datasheet
553Kb / 10P
Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com