Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6306D131ARJZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM6306D131ARJZ-R7
Description  Multiple Input Programmable Supervisory ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6306D131ARJZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM6306D131ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM6305/ADM6306
Data Sheet
Rev. A | Page 10 of 12
Figure 16. ADM6305 Ordering Code Structure
Figure 17. ADM6306 Ordering Code Structure
Table 9. Standard Models
Model
Monitored Input Threshold
Minimum Reset Timeout
RST IN1
RST IN2
VCC Reset
RST IN
ADM6305D3ARJZ-RL7
1.23 V
1.23 V
N/A
N/A
140 ms
ADM6305D3ARJZ1-RL7
0.4 V
0.4 V
N/A
N/A
140 ms
ADM6306D131ARJZ-R7
N/A
N/A
3.08 V
1.23 V
1 ms
ADM6306D131ARJZ1R7
N/A
N/A
3.08 V
0.4 V
1 ms
ADM6306D329ARJZ-R7
N/A
N/A
2.93 V
1.23 V
140 ms
ADM6306D330ARJZ-R7
N/A
N/A
3 V
1.23 V
140 ms
ADM6306D331ARJZ-R7
N/A
N/A
3.08 V
1.23 V
140 ms
ADM6306D344ARJZ-R7
N/A
N/A
4.38V
1.23 V
140 ms
ADM6306D346ARJZ-R7
N/A
N/A
4.63 V
1.23 V
140 ms
ADM6305D_ARJZ_-RL7
RESET TIMEOUT PERIOD CODE (1 TO 4)
TEMPERATURE RANGE
A: –40°C TO +125°C
PACKAGE DESIGNATOR
RJ = SOT-23
Z = LEAD-FREE
PACKING MATERIAL
RL7 = 7” TAPE & REEL
(3000 PIECE QUANTITY)
RST IN1 & RST IN2 ADJUSTABLE THRESHOLD
1:0.4V & 0.4V
BLANK: 1.23V & 1.23V
ADM6306D_ _ _ARJZ_R7
RESET TIMEOUT (1 TO 4)
RESET THRESHOLD NUMBER
(SEE TABLE 6)
TEMPERATURE RANGE
A: –40°C TO +125°C
PACKAGE DESIGNATOR
RJ = SOT-23
Z = LEAD-FREE
PACKING MATERIAL
R7 = 7” TAPE & REEL
(3000 PIECE QUANTITY)
RST IN ADJUSTABLE THRESHOLD
1:0.4V
DASH: 1.23V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com