Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2302ARDZ-5.0-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP2302ARDZ-5.0-R7
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302ARDZ-5.0-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP2302ARDZ-5.0-R7 Datasheet HTML 20Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 21Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 22Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 23Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 24Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 25Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 26Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 27Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADP2302/ADP2303
Data Sheet
Rev. A | Page 26 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-012-A A
1.27
0.40
1.75
1.35
2.29
2.29
0.356
0.457
4.00
3.90
3.80
6.20
6.00
5.80
5.00
4.90
4.80
0.10 MAX
0.05 NOM
3.81 REF
0.25
0.17
0.50
0.25
45°
COPLANARITY
0.10
1.04 REF
8
1
4
5
1.27 BSC
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
BOTTOM VIEW
TOP VIEW
0.51
0.31
1.65
1.25
Figure 64. 8-Lead Standard Small Outline Package, with Exposed Pad [SOIC_N_EP]
Narrow Body
(RD-8-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Output Voltage
Temperature Range
Package Description
Package Option
ADP2302ARDZ
Adjustable
−40°C to +125°C
8-Lead SOIC_N_EP, Tube
RD-8-1
ADP2302ARDZ-2.5
2.5 V
−40°C to +125°C
8-Lead SOIC_N_EP, Tube
RD-8-1
ADP2302ARDZ-3.3
3.3 V
−40°C to +125°C
8-Lead SOIC_N_EP, Tube
RD-8-1
ADP2302ARDZ-5.0
5.0 V
−40°C to +125°C
8-Lead SOIC_N_EP, Tube
RD-8-1
ADP2302ARDZ-R7
Adjustable
−40°C to +125°C
8-Lead SOIC_N_EP, 7”Tape and Reel
RD-8-1
ADP2302ARDZ-2.5-R7
2.5 V
−40°C to +125°C
8-Lead SOIC_N_EP, 7”Tape and Reel
RD-8-1
ADP2302ARDZ-3.3-R7
3.3 V
−40°C to +125°C
8-Lead SOIC_N_EP, 7”Tape and Reel
RD-8-1
ADP2302ARDZ-5.0-R7
5.0 V
−40°C to +125°C
8-Lead SOIC_N_EP, 7”Tape and Reel
RD-8-1
ADP2302-EVALZ
Evaluation Board
ADP2303ARDZ
Adjustable
−40°C to +125°C
8-Lead SOIC_N_EP, Tube
RD-8-1
ADP2303ARDZ-2.5
2.5 V
−40°C to +125°C
8-Lead SOIC_N_EP, Tube
RD-8-1
ADP2303ARDZ-3.3
3.3 V
−40°C to +125°C
8-Lead SOIC_N_EP, Tube
RD-8-1
ADP2303ARDZ-5.0
5.0 V
−40°C to +125°C
8-Lead SOIC_N_EP, Tube
RD-8-1
ADP2303ARDZ-R7
Adjustable
−40°C to +125°C
8-Lead SOIC_N_EP, 7”Tape and Reel
RD-8-1
ADP2303ARDZ-2.5-R7
2.5 V
−40°C to +125°C
8-Lead SOIC_N_EP, 7”Tape and Reel
RD-8-1
ADP2303ARDZ-3.3-R7
3.3 V
−40°C to +125°C
8-Lead SOIC_N_EP, 7”Tape and Reel
RD-8-1
ADP2303ARDZ-5.0-R7
5.0 V
−40°C to +125°C
8-Lead SOIC_N_EP, 7”Tape and Reel
RD-8-1
ADP2303-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com