Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2302ARDZ-5.0-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2302ARDZ-5.0-R7
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302ARDZ-5.0-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2302ARDZ-5.0-R7 Datasheet HTML 2Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 3Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 4Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 5Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 6Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 7Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 8Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 9Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP2302/ADP2303
Data Sheet
Rev. A | Page 6 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.3 V, TA = 25°C, unless otherwise noted.
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
INDUCTOR: VLF10040T-6R8N4R5
DIODE: SSB43L
Figure 4. ADP2303 Efficiency, VIN = 18 V
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 2.5V
INDUCTOR: VLF10040T-2R2N7R1
DIODE: SSB43L
Figure 5. ADP2303 Efficiency, VIN = 5 V
40
50
60
70
80
90
100
00.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
INDUCTOR: VLF10040T-6R8N4R5
DIODE: SSB43L
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 3.3V
VOUT = 5.0V
Figure 6. ADP2302 Efficiency, VIN = 12 V
0
0.5
1.0
1.5
2.0
2.5
3.0
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
INDUCTOR: VLF10040T-4R7N5R4
DIODE: SSB43L
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 3.3V
VOUT = 5.0V
Figure 7. ADP2303 Efficiency, VIN = 12 V
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
INDUCTOR: VLF10040T-6R8N4R5
DIODE: SSB43L
Figure 8. ADP2302 Efficiency, VIN = 18 V
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
INDUCTOR: VLF10040T-3R3N6R2
DIODE: SSB43L
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 2.5V
Figure 9. ADP2302 Efficiency, VIN = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com