Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2302ARDZ-5.0-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2302ARDZ-5.0-R7
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302ARDZ-5.0-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2302ARDZ-5.0-R7 Datasheet HTML 18Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 19Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 20Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 21Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 22Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 23Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 24Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 25Page - Analog Devices ADP2302ARDZ-5.0-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADP2302/ADP2303
Data Sheet
Rev. A | Page 22 of 28
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Good circuit board layout is essential to obtaining the best
performance for ADP2302/ADP2303. Poor layout can affect the
regulation and stability, as well as the electromagnetic interface
(EMI) and electromagnetic compatibility (EMC) performance.
A PCB layout example is shown in Figure 53. Refer to the
following guidelines for a good PCB layout:
Place the input capacitor, the inductor, catch diode, output
capacitor, and bootstrap capacitor close to the IC using
short traces.
Ensure that the high current loop traces are as short and
wide as possible. The high current path is shown Figure 52.
Maximize the size of ground metal on the component side
to improve thermal dissipation.
Use a ground plane with several vias connecting to the
component side ground to further reduce noise on
sensitive circuit nodes.
Minimize the length of the FB trace connecting the top of
the feedback resistive voltage divider to the output. In
addition, keep these traces away from the high current
traces and the switch node to avoid noise pickup.
VIN
ADP2302/
ADP2303
EN
GND
BST
SW
PGOOD
FB
Figure 52. Typical Application Circuit with High Current Lines Shown in Blue
BST 1
2
3
4
8
7
6
5
EXPOSED
PAD
VIN
EN
PGOOD
SW
GND
NC
FB
BST CAP
DIODE
INDUCTOR
INPUT
CAPACITOR
OUTPUT
CAPACITORS
VIN
VOUT
GND
Figure 53. Recommended Layout for ADP2302/ADP2303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com