Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR360AUJZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR360AUJZ-R2
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR360AUJZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADR360AUJZ-R2 Datasheet HTML 1Page - Analog Devices ADR360AUJZ-R2 Datasheet HTML 2Page - Analog Devices ADR360AUJZ-R2 Datasheet HTML 3Page - Analog Devices ADR360AUJZ-R2 Datasheet HTML 4Page - Analog Devices ADR360AUJZ-R2 Datasheet HTML 5Page - Analog Devices ADR360AUJZ-R2 Datasheet HTML 6Page - Analog Devices ADR360AUJZ-R2 Datasheet HTML 7Page - Analog Devices ADR360AUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR360AUJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Power, Low Noise Voltage References
with Sink/Source Capability
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Compact TSOT packages
Low temperature coefficient
B grade: 9 ppm/°C
A grade: 25 ppm/°C
Initial accuracy
B grade: ±3 mV maximum
A grade: ±6 mV maximum
Ultralow output noise: 6.8 μV p-p (0.1 Hz to 10 Hz)
Low dropout: 300 mV
Low supply current: 190 μA maximum
No external capacitor required
Output current: +5 mA/−1 mA
Wide temperature range: −40°C to +125°C
Qualified for automotive applications
APPLICATIONS
Battery-powered instruments
Portable medical instruments
Data acquisition systems
Industrial process controls
Automotive
PIN CONFIGURATION
1
2
3
5
4
ADR36x
TOP VIEW
(Not to Scale)
NC = NO CONNECT
NC
TRIM
GND
VIN
VOUT
Figure 1. 5-Lead TSOT (UJ)
Table 1. ADR36x Family of Devices
Model
VOUT (V)1
Temperature
Coefficient (ppm/°C)
Accuracy (mV)
ADR360B
2.048
9
±3
ADR360A
2.048
25
±6
ADR361B
2.5
9
±3
ADR361A
2.5
25
±6
ADR363B
3.0
9
±3
ADR363A
3.0
25
±6
ADR364B
4.096
9
±4
ADR364A
4.096
25
±8
ADR365B
5.0
9
±4
ADR365A
5.0
25
±8
ADR366B
3.3
9
±4
ADR366A
3.3
25
±8
1 Contact Analog Devices for other voltage options.
GENERAL DESCRIPTION
The ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
are precision 2.048 V, 2.5 V, 3.0 V, 4.096 V, 5.0 V, and 3.3 V band
gap voltage references that offer low power and high precision
in tiny footprints. Using patented temperature drift curvature
correction techniques from Analog Devices, Inc., the ADR36x
references achieve a low temperature drift of 9 ppm/°C in a
TSOT package.
The ADR36x family of micropower, low dropout voltage
references provides a stable output voltage from a minimum
supply of 300 mV above the output. Their advanced design
eliminates the need for external capacitors, which further
reduces board space and system cost. The combination of low
power operation, small size, and ease of use makes the ADR36x
precision voltage references ideally suited for battery-operated
applications.
See the Ordering Guide for automotive grades.


Similar Part No. - ADR360AUJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR360AUJZ-REEL7 AD-ADR360AUJZ-REEL7 Datasheet
671Kb / 20P
Low Power, Low Noise Voltage References with Sink/Source Capability
3/06-Rev. 0 to Rev. A
More results

Similar Description - ADR360AUJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR430 AD-ADR430 Datasheet
868Kb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
9/04-Data Sheet Changed from Rev. A to Rev. B
ADR360 AD-ADR360 Datasheet
671Kb / 20P
Low Power, Low Noise Voltage References with Sink/Source Capability
3/06-Rev. 0 to Rev. A
ADR440 AD-ADR440 Datasheet
568Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
9/06-Rev. 0 to Rev. A
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR434TRZ-EP AD-ADR434TRZ-EP Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com