Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR364BUJZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADR364BUJZ-R2
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR364BUJZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR364BUJZ-R2 Datasheet HTML 10Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 11Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 12Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 13Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 14Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 15Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 16Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 17Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. D | Page 14 of 20
2ms/DIV
100mV/DIV
LOAD OFF
VOUT
LOAD ON
Figure 26. ADR361 Load Transient Response
100mV/DIV
VOUT
100µs/DIV
LOAD ON
Figure 27. ADR361 Load Transient Response
with 0.1 μF Output Capacitor
5V/DIV
INPUT
OUTPUT
10µs/DIV
2.5V/DIV
Figure 28. ADR361 Turn-On Response Time at 5 V
400ns/DIV
OUTPUT
INPUT
5V/DIV
2.5V/DIV
Figure 29. ADR361 Turn-Off Response Time at 5 V
5V/DIV
2V/DIV
100µs/DIV
VOUT
VIN
Figure 30. ADR361 Turn-On Response Time, 0.1 μF Output Capacitor
2V/DIV
5V/DIV
VIN
VOUT
2ms/DIV
Figure 31. ADR361 Turn-Off Response Time, 0.1 μF Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com