Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR364BUJZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR364BUJZ-R2
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR364BUJZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR364BUJZ-R2 Datasheet HTML 11Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 12Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 13Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 14Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 15Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 16Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 17Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 18Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. D | Page 15 of 20
TERMINOLOGY
Temperature Coefficient
The change of output voltage with respect to operating temper-
ature changes normalized by the output voltage at 25°C. This
parameter is expressed in ppm/°C and can be determined by
( )
( )
()
()
6
10
C
25
C]
ppm/
[
×
×
°
=
°
1
2
OUT
1
OUT
2
OUT
OUT
T
T
V
T
V
T
V
TCV
where:
VOUT
(25°C) = VOUT at 25°C.
VOUT
(T1) = VOUT at Temperature 1.
VOUT
(T2) = VOUT at Temperature 2.
Line Regulation
The change in output voltage due to a specified change in input
voltage. This parameter accounts for the effects of self-heating.
Line regulation is expressed in either percent per volt, parts per
million per volt, or microvolts per volt change in input voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. This parameter accounts for the effects of self-heating.
Load regulation is expressed in either microvolts per milliampere,
parts per million per milliampere, or ohms of dc output resistance.
Long-Term Stability
The typical shift of output voltage at 25°C on a sample of parts
subjected to a test of 1000 hours at 25°C.
( )
()
1
OUT
0
OUT
OUT
t
V
t
V
V
=
Δ
[]
()
()
()
⎟⎟
⎜⎜
×
=
Δ
6
10
ppm
0
OUT
1
OUT
0
OUT
OUT
t
V
t
–V
t
V
V
where:
VOUT
(t0) = VOUT at 25°C at Time 0.
VOUT
(t1) = VOUT at 25°C after 1000 hours operation at 25°C.
Thermal Hysteresis
The change of output voltage after the device is cycled from
+25°C to −40°C to +125°C and back to +25°C. This is a typical
value from a sample of parts put through such a cycle.
(
)
TC
OUT
OUT
HYS
OUT
V
V
V
_
_
C
25
°
=
[]
()
()
6
_
_
10
C
25
C
25
ppm
×
°
°
=
OUT
TC
OUT
OUT
HYS
OUT
V
V
V
V
where:
VOUT (25°C) = VOUT at 25°C.
VOUT_TC = VOUT at 25°C after temperature cycle at +25°C to
−40°C to +125°C and back to +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com