Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR364BUJZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADR364BUJZ-R2
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR364BUJZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADR364BUJZ-R2 Datasheet HTML 12Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 13Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 14Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 15Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 16Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 17Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 18Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 19Page - Analog Devices ADR364BUJZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. D | Page 20 of 20
ORDERING GUIDE
Initial
Accuracy, ±
Model1, 2
Output
Voltage
(VOUT)
(mV)
(%)
Temperature
Coefficient
(ppm/°C)
Package
Description
Package
Option
Temperature
Range
Ordering
Quantity
Branding
ADR360AUJZ-REEL7
2.048
6
0.29
25
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R0C
ADR360AUJZ-R2
2.048
6
0.29
25
5-Lead TSOT
UJ-5
−40°C to +125°C
250
R0C
ADR360BUJZ-REEL7
2.048
3
0.15
9
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R0D
ADR360BUJZ-R2
2.048
3
0.15
9
5-Lead TSOT
UJ-5
−40°C to +125°C
250
R0D
ADR361AUJZ-REEL7
2.5
6
0.24
25
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R0E
ADR361AUJZ-R2
2.5
6
0.24
25
5-Lead TSOT
UJ-5
−40°C to +125°C
250
R0E
ADR361BUJZ-REEL7
2.5
3
0.12
9
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R0F
ADR361BUJZ-R2
2.5
3
0.12
9
5-Lead TSOT
UJ-5
−40°C to +125°C
250
R0F
ADR363AUJZ-REEL7
3.0
6
0.2
25
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R0G
ADR363AUJZ-R2
3.0
6
0.2
25
5-Lead TSOT
UJ-5
−40°C to +125°C
250
R0G
ADR363BUJZ-REEL7
3.0
3
0.1
9
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R0H
ADR363BUJZ-R2
3.0
3
0.1
9
5-Lead TSOT
UJ-5
−40°C to +125°C
250
R0H
ADR364AUJZ-REEL7
4.096
8
0.2
25
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R0J
ADR364AUJZ-R2
4.096
8
0.2
25
5-Lead TSOT
UJ-5
−40°C to +125°C
250
R0J
ADR364BUJZ-REEL7
4.096
4
0.1
9
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R0K
ADR364BUJZ-R2
4.096
4
0.1
9
5-Lead TSOT
UJ-5
−40°C to +125°C
250
R0K
ADR365AUJZ-REEL7
5.0
8
0.16
25
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R0L
ADR365AUJZ-R2
5.0
8
0.16
25
5-Lead TSOT
UJ-5
−40°C to +125°C
250
R0L
ADR365BUJZ-REEL7
5.0
4
0.08
9
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R0M
ADR365BUJZ-R2
5.0
4
0.08
9
5-Lead TSOT
UJ-5
−40°C to +125°C
250
R0M
ADR365WAUJZ-R7
5.0
8
0.16
25
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R0L
ADR365WAUJZ-RL
5.0
8
0.16
25
5-Lead TSOT
UJ-5
−40°C to +125°C
10,000
R0L
ADR366AUJZ-REEL7
3.3
8
0.25
25
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R08
ADR366AUJZ-R2
3.3
8
0.25
25
5-Lead TSOT
UJ-5
−40°C to +125°C
250
R08
ADR366BUJZ-REEL7
3.3
4
0.125
9
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R09
ADR366BUJZ-R2
3.3
4
0.125
9
5-Lead TSOT
UJ-5
−40°C to +125°C
250
R09
ADR366WAUJZ-REEL7
3.3
8
0.25
25
5-Lead TSOT
UJ-5
−40°C to +125°C
3,000
R08
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADR365W and ADR366W models are available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for these models.
©2005–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05467-0-10/10(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com