Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3333ARMZ-3.3-R71 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3333ARMZ-3.3-R71
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333ARMZ-3.3-R71 Datasheet(HTML) 5 Page - Analog Devices

  ADP3333ARMZ-3.3-R71 Datasheet HTML 1Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 2Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 3Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 4Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 5Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 6Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 7Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 8Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADP3333
Rev. B | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
OUT
IN
GND
NC1
4
NC
8
SD
7
NC
6
NC
5
NC = NO CONNECT
ADP3333
TOP VIEW
(Not to Scale)
1CAN BE CONNECTED
TO ANY OTHER PIN.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT
Output of the Regulator. Bypass to ground with a 1.0 μF or larger capacitor.
2
IN
Input Pin. Bypass to ground with a 1.0 μF or larger capacitor.
3
GND
Ground Pin.
4 to 6, 8
NC
No Connect. Best thermal performance is achieved when the NC pins are connected to the GND plane.
7
SD
Active Low Shutdown Pin. Connect to ground to disable the regulator output. When shutdown is not used,
connect this pin to the IN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com